전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3060E 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 CA3060E
상세설명  110kHz, Operational Transconductance Amplifier Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3060E 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button CA3060E Datasheet HTML 4Page - Intersil Corporation CA3060E Datasheet HTML 5Page - Intersil Corporation CA3060E Datasheet HTML 6Page - Intersil Corporation CA3060E Datasheet HTML 7Page - Intersil Corporation CA3060E Datasheet HTML 8Page - Intersil Corporation CA3060E Datasheet HTML 9Page - Intersil Corporation CA3060E Datasheet HTML 10Page - Intersil Corporation CA3060E Datasheet HTML 11Page - Intersil Corporation CA3060E Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3-8
4. Calculation of Bias Resistance. For minimum supply
current drain the amplifier bias current IABC should be fed
directly from the supplies and not from the bias regulator.
The value of the resistor RABC may be directly calculated
using Ohm’s law.
5. Calculation of Offset Adjustment Circuit. In order to
reduce the loading effect of the offset adjustment circuit
on the power supply, the offset control should be
arranged to provide the necessary offset current. The
source resistance of the non-inverting input is made
equal to the source resistance of the inverting input,
i.e.,
Because the maximum offset voltage is 5mV plus an
additional increment due to the offset current (Figure 2)
flowing through the source resistance (i.e., 200 x 10-9 x
18 x 103V), the Offset Voltage Range = 5mV + 3.6mV =
±8.6mV. The current necessary to provide this offset is:
With a supply voltage of
±6V, this current can be
provided by a 10M
Ω resistor. However, the stability of
such a resistor is often questionable and a more realistic
value of 2.2M
Ω was used in the final circuit.
Capacitance Effects
The CA3060 is designed to operate at such low power levels
that high impedance circuits must be employed. In designing
such circuits, particularly feedback amplifiers, stray circuit
capacitance must always be considered because of its
adverse effect on frequency response and stability. For
example a 10k
Ω load with a stray capacitance of 15pF has a
time constant of 1MHz. Figure 20 illustrates how a 10k
15pF load modifies the frequency characteristic.
Capacitive loading also has an effect on slew rate; because
the peak output current is established by the amplifier bias
current, IABC (Figure 5), the maximum slew rate is limited to
the maximum rate at which the capacitance can be charged
by the IOM. Therefore, SR = dv/dt = IOM/CL, where CL is the
total load capacitance including strays. This relationship is
shown graphically in Figure 21. When measuring slew rate
for this data sheet, care was taken to keep the total
capacitive loading to 13pF.
Phase Compensation
In many applications phase compensation will not be
required for the amplifiers of the CA3060. When needed,
compensation may easily be accomplished by a simple RC
network at the input of the amplifier as shown in Figure 17.
The values given in Figure 17 provide stable operation for
the critical unity gain condition, assuming that capacitive
loading on the output is 13pF or less. Input phase compen-
sation is recommended in order to maintain the highest
possible slew rate.
In applications such as integrators, two OTAs may be
cascaded to improve current gain. Compensation is best
accomplished in this case with a shunt capacitor at the
output of the first amplifier. The high gain following compen-
sation assures a high slew rate.
R
ABC
V
SUP
V
ABC
I
ABC
-------------------------------------
=
R
ABC
12
0.63
20
10
6
×
-------------------------
=
R
ABC
568.5k
Ω or 560kΩ
=
20k
Ω 200kΩ
×
20k
Ω 200kΩ
+
----------------------------------------
18k
8.6mV
18k
------------------
0.48
µA
FREQUENCY (MHz)
0
-20
-40
-60
-80
0.01
0.1
1.0
10
100
RL = 10kΩ
CL = 15pF
RL = 10kΩ
CL = 0
FIGURE 20. EFFECT OF CAPACITIVE LOADING ON
FREQUENCY RESPONSE
SLEW RATE (V/
µs)
1000
100
10
1
0.01
0.1
1.0
10
100
A
BCD
E
F
G
H
I
J
K
L
A. CL = 10,000pF
B. CL = 3,000pF
C. CL = 1000pF
D. CL = 300pF
E. CL = 100pF
F. CL = 30pF
G. CL = 10pF
H. CL = 3pF
I.
CL = 1pF
J. CL = 0.3pF
K. CL = 0.1pF
L. CL = 0.03pF
FIGURE 21. EFFECT OF LOAD CAPACITANCE ON SLEW RATE
CA3060


유사한 부품 번호 - CA3060E

제조업체부품명데이터시트상세설명
logo
Harris Corporation
CA3060E HARRIS-CA3060E Datasheet
143Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
More results

유사한 설명 - CA3060E

제조업체부품명데이터시트상세설명
logo
Harris Corporation
CA3060 HARRIS-CA3060 Datasheet
143Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
Texas Instruments
OPA660 TI1-OPA660 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com