전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3080 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 CA3080
상세설명  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080 데이터시트(HTML) 3 Page - Intersil Corporation

  CA3080 Datasheet HTML 1Page - Intersil Corporation CA3080 Datasheet HTML 2Page - Intersil Corporation CA3080 Datasheet HTML 3Page - Intersil Corporation CA3080 Datasheet HTML 4Page - Intersil Corporation CA3080 Datasheet HTML 5Page - Intersil Corporation CA3080 Datasheet HTML 6Page - Intersil Corporation CA3080 Datasheet HTML 7Page - Intersil Corporation CA3080 Datasheet HTML 8Page - Intersil Corporation CA3080 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Schematic Diagram
Peak Output
Voltage
Positive
IABC = 5µA, RL =
25
-
13.8
-
12
13.8
-
V
Negative
25
-
-14.5
-
-12
-14.5
-
V
Positive
IABC = 500µA, RL =
25
12
13.5
-
12
13.5
-
V
Negative
25
-12
-14.4
-
-12
-14.4
-
V
Amplifier Supply Current
IABC = 500µA
25
0.8
1
1.2
0.8
1
1.2
mA
Device Dissipation
IABC = 500µA25
24
30
36
24
30
36
mW
Magnitude of Leakage Current
IABC = 0, VTP = 0
25
-
0.08
-
-
0.08
5
nA
IABC = 0, VTP = 36V
25
-
0.3
-
-
0.3
5
nA
Propagation Delay
IABC = 500µA
25
-
45
-
-
45
-
ns
Common-Mode Rejection Ratio
IABC = 500µA
25
80
110
-
80
110
-
dB
Open-Loop Bandwidth
IABC = 500µA
25
-
2
-
-
2
-
MHz
Slew Rate
Uncompensated
25
-
75
-
-
75
-
V/
µs
Compensated
25
-
50
-
-
50
-
V/
µs
Typical Applications
FIGURE 1. SCHEMATIC DIAGRAM OF THE CA3080 AND CA3080A IN A UNITY-GAIN VOLTAGE FOLLOWER CONFIGURATION AND
ASSOCIATED WAVEFORM
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
CA3080
CA3080A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
2
OUTPUT
V+
AMPLIFIER
BIAS INPUT
NON-
INVERTING
INPUT
INVERTING
INPUT
3
5
4
6
7
V-
Q4
D2
Q5
Q6 Q7
Q1
Q2
Q3
D1
D4
D3
Q8
Q11
D6
Q10
Q9
D3
5
2
4
7
5pF
1M
LOAD
(SCOPE PROBE)
3
6
CA3080, A
51
0.01
µF
0.01
µF
390pF
300
V- = -15V
0.001
µF
62k
V+ = 15V
+
10k
-
10k
VS = ±15V
TIME (0.1
µs/DIV.)
OUTPUT
1V/DIV.
INPUT
5V/DIV.
CA3080, CA3080A


유사한 부품 번호 - CA3080

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Rochester Electronics
CA3080 ROCHESTER-CA3080 Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
List of Unclassifed Man...
CA3080 ETC2-CA3080 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3080A INTERSIL-CA3080A Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
More results

유사한 설명 - CA3080

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com