전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3096AE 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 CA3096AE
상세설명  NPN/PNP Transistor Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3096AE 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button CA3096AE Datasheet HTML 3Page - Intersil Corporation CA3096AE Datasheet HTML 4Page - Intersil Corporation CA3096AE Datasheet HTML 5Page - Intersil Corporation CA3096AE Datasheet HTML 6Page - Intersil Corporation CA3096AE Datasheet HTML 7Page - Intersil Corporation CA3096AE Datasheet HTML 8Page - Intersil Corporation CA3096AE Datasheet HTML 9Page - Intersil Corporation CA3096AE Datasheet HTML 10Page - Intersil Corporation CA3096AE Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Typical Performance Curves
FIGURE 9. BASE-TO-EMITTER ZENER CHARACTERISTIC (NPN)
FIGURE 10. COLLECTOR CUT-OFF CURRENT (ICEO) vs
TEMPERATURE (NPN)
FIGURE 11. COLLECTOR CUT-OFF CURRENT (ICBO) vs
TEMPERATURE (NPN)
FIGURE 12. TRANSISTOR (NPN) hFE vs COLLECTOR
CURRENT
FIGURE 13. VBE (NPN) vs COLLECTOR CURRENT
FIGURE 14. VBE (NPN) vs TEMPERATURE
ZENER VOLTAGE (V)
10
1
10-1
10-2
7
7.5
8
8.5
9
VZ
TEMPERATURE (oC)
104
103
102
10
1
10-1
-100
-75
-50
-25
0
25
50
75
100
VCE = 10V
VCE = 5V
TEMPERATURE (oC)
103
102
10
1
10-2
-75
-50
-25
0
25
50
75
100
10-1
VCB = 10V
VCB = 5V
VCB = 15V
TA = -40
oC
TA = 25
oC
TA = 85
oC
500
400
300
200
100
0
0.01
0.1
1
10
COLLECTOR CURRENT (mA)
0.01
0.1
1
10
COLLECTOR CURRENT (mA)
0.9
0.8
0.7
0.6
0.5
0.4
VCE = 5V
0.9
0.8
0.7
0.6
0.5
0.4
-40
-20
0
20
40
60
80
100
TEMPERATURE (oC)
IC = 10mA, 1.67mV/
oC
IC = 5mA, 1.77mV/
oC
IC = 1mA, 1.90mV/
oC
IC = 100µA, 2.05mV/
oC
CA3096, CA3096A, CA3096C


유사한 부품 번호 - CA3096AE

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3096AE INTERSIL-CA3096AE Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
More results

유사한 설명 - CA3096AE

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
Zarlink Semiconductor I...
SL3145 ZARLINK-SL3145 Datasheet
311Kb / 7P
   1.6GHz NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com