전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3161E 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 CA3161E
상세설명  BCD to Seven Segment Decoder/Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3161E 데이터시트(HTML) 1 Page - Intersil Corporation

  CA3161E Datasheet HTML 1Page - Intersil Corporation CA3161E Datasheet HTML 2Page - Intersil Corporation CA3161E Datasheet HTML 3Page - Intersil Corporation CA3161E Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-5
August 1997
CA3161
BCD to Seven Segment Decoder/Driver
Features
• TTL Compatible Input Logic Levels
• 25mA (Typ) Constant Current Segment Outputs
• Eliminates Need for Output Current Limiting Resistors
• Pin Compatible with Other Industry Standard
Decoders
• Low Standby Power Dissipation . . . . . . . . 18mW (Typ)
Description
The CA3161E is a monolithic integrated circuit that performs
the BCD to seven segment decoding function and features
constant current segment drivers. When used with the
CA3162E A/D Converter the CA3161E provides a complete
digital readout system with a minimum number of external
parts.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3161E
0 to 70
16 Ld PDIP
E16.3
Pinout
CA3161
(PDIP)
TOP VIEW
Functional Block Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
21
22
NC
NC
NC
23
20
GND
V+
f
g
a
b
c
d
e
6
2
1
7
23
22
21
20
GND
16
13
12
11
10
9
15
14
a
b
c
d
e
f
g
8
V+
BCD TO
INPUT
BIAS
CONSTANT
BUFFERS
7 SEGMENT
DECODER
CURRENT
SEGMENT
DRIVERS
CIRCUITRY
SEGMENT
a - g
SEGMENT DRIVER
SEGMENT
IDENTIFICATION
a
b
c
d
f
g
e
File Number
1079.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


유사한 부품 번호 - CA3161E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CA3161E ETC2-CA3161E Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
CA3161E RENESAS-CA3161E Datasheet
264Kb / 3P
   BCD to Seven Segment Decoder/Driver
Aug 1997
More results

유사한 설명 - CA3161E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
   BCD to Seven Segment Decoder/Driver
Aug 1997
logo
List of Unclassifed Man...
74248 ETC1-74248 Datasheet
75Kb / 1P
   BCD- to-Seven- Segment Decoder /Driver
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com