전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7694 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7694
상세설명  16-Bit, 250 kSPS PulSAR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7694 데이터시트(HTML) 1 Page - Analog Devices

  AD7694_15 Datasheet HTML 1Page - Analog Devices AD7694_15 Datasheet HTML 2Page - Analog Devices AD7694_15 Datasheet HTML 3Page - Analog Devices AD7694_15 Datasheet HTML 4Page - Analog Devices AD7694_15 Datasheet HTML 5Page - Analog Devices AD7694_15 Datasheet HTML 6Page - Analog Devices AD7694_15 Datasheet HTML 7Page - Analog Devices AD7694_15 Datasheet HTML 8Page - Analog Devices AD7694_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16-Bit, 250 kSPS PulSAR® ADC in MSOP
Data Sheet
AD7694
Rev. B
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit resolution with no missing codes
Throughput: 250 kSPS at 5 V
INL: ±4 LSB max
S/(N + D): 92 dB at 20 kHz
THD: –106 dB at 20 kHz
Pseudo-differential analog input range:
0 V to VREF with VREF up to VDD
No pipeline delay
Single-supply operation: 2.7 V or 5 V
Proprietary serial interface
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible1
Supply Current: 540 μA at 2.7 V/100 kSPS,
800 μA at 5 V/100 kSPS
Standby current: 1 nA
8-lead MSOP package
Improved second source to LTC1864 and LTC1864L
APPLICATIONS
Battery-powered equipment
Data acquisition
Instrumentation
Medical instruments
Process control
GENERAL DESCRIPTION
The AD7694 is a 16-bit, charge redistribution, successive
approximation, PulSAR analog-to-digital converter (ADC) that
operates from a single power supply, VDD, between 2.7 V to
5.25 V. It contains a low power, high speed, 16-bit sampling
ADC with no missing codes (B grade), an internal conversion
clock, and a serial, SPI-compatible interface port. The part also
contains a low noise, wide bandwidth, short aperture delay
track-and-hold circuit. On the CNV rising edge, it samples an
analog input, IN+, between 0 V to REF with respect to a ground
sense, IN−. The reference voltage, REF, is applied externally and
can be set up to the supply voltage.
Its power scales linearly with throughput.
The AD7694 is housed in an 8-lead MSOP package with an
operating temperature specified from −40°C to +85°C.
APPLICATION DIAGRAM
AD7694
REF
GND
VDD
IN+
IN–
SCK
SDO
CNV
3-WIRE SPI
INTERFACE
1V TO VDD
2.5V TO 5V
0 TO VREF
Figure 1.
Table 1. MSOP, LFCSP (QFN)/SOT-23, 16-Bit PulSAR ADC
Type
100 kSPS
250 kSPS
500 kSPS
True Differential
AD7684
AD7687
AD7688
Pseudo
AD7683
AD7685
AD7686
Differential/Unipolar
AD7694
Unipolar
AD7680
1 Protected by U.S. Patent 6,703,961.


유사한 부품 번호 - AD7694_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
More results

유사한 설명 - AD7694_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7685 AD-AD7685_15 Datasheet
560Kb / 28P
   16-Bit, 250 kSPS PulSAR
REV. D
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com