전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7715 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7715
상세설명  16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7715 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 7Page - Analog Devices AD7715_15 Datasheet HTML 8Page - Analog Devices AD7715_15 Datasheet HTML 9Page - Analog Devices AD7715_15 Datasheet HTML 10Page - Analog Devices AD7715_15 Datasheet HTML 11Page - Analog Devices AD7715_15 Datasheet HTML 12Page - Analog Devices AD7715_15 Datasheet HTML 13Page - Analog Devices AD7715_15 Datasheet HTML 14Page - Analog Devices AD7715_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD7715
Rev. D | Page 11 of 40
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation of any code from a straight
line passing through the endpoints of the transfer function.
The endpoints of the transfer function are zero-scale (not to
be confused with bipolar zero), a point 0.5 LSB below the first
code transition (000 … 000 to 000 … 001) and Full-Scale, a
point 0.5 LSB above the last code transition (111 … 110 to 111
… 111). The error is expressed as a percentage of full scale.
Positive Full-Scale Error
Positive Full-Scale Error is the deviation of the last code
transition (111 . . . 110 to 111 . . . 111) from the ideal AIN(+)
voltage (AIN(−) + VREF/GAIN −3/2 LSBs). It applies to both
unipolar and bipolar analog input ranges.
Unipolar Offset Error
Unipolar Offset Error is the deviation of the first code transition
from the ideal AIN(+) voltage (AIN(−) + 0.5 LSB) when operating
in the unipolar mode.
Bipolar Zero Error
This is the deviation of the midscale transition (0111 . . . 111 to
1000 . . . 000) from the ideal AIN(+) voltage (AIN(−) − 0.5 LSB)
when operating in the bipolar mode.
Gain Error
This is a measure of the span error of the ADC. It includes full-
scale errors but not zero-scale errors. For unipolar input ranges
it is defined as (full scale error—unipolar offset error) while for
bipolar input ranges it is defined as (full-scale error—bipolar
zero error).
Bipolar Negative Full-Scale Error
This is the deviation of the first code transition from the ideal
AIN(+) voltage (AIN(−) − VREF/GAIN + 0.5 LSB), when
operating in the bipolar mode.
Positive Full-Scale Overrange
Positive full-scale overrange is the amount of overhead available
to handle input voltages on AIN(+) input greater than AIN−) +
VREF/GAIN (for example, noise peaks or excess voltages due
to system gain errors in system calibration routines) without
introducing errors due to overloading the analog modulator
or overflowing the digital filter.
Negative Full-Scale Overrange
This is the amount of overhead available to handle voltages
on AIN(+) below AIN(−) −VREF/GAIN without overloading the
analog modulator or overflowing the digital filter. Note that the
analog input accepts negative voltage peaks even in the unipolar
mode provided that AIN(+) is greater than AIN(−) and greater
than AGND − 30 mV.
Offset Calibration Range
In the system calibration modes, the AD7715 calibrates its
offset with respect to the analog input. The offset calibration
range specification defines the range of voltages that the AD7715
can accept and still calibrate offset accurately.
Full-Scale Calibration Range
This is the range of voltages that the AD7715 can accept in the
system calibration mode and still calibrate full scale correctly.
Input Span
In system calibration schemes, two voltages applied in sequence
to the AD7715’s analog input define the analog input range. The
input span specification defines the minimum and maximum
input voltages from zero to full scale that the AD7715 can accept
and still calibrate gain accurately.


유사한 부품 번호 - AD7715_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
More results

유사한 설명 - AD7715_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
259Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com