전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD00CFW 데이터시트(PDF) 3 Page - Teledyne Technologies Incorporated

부품명 CD00CFW
상세설명  2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CD00CFW 데이터시트(HTML) 3 Page - Teledyne Technologies Incorporated

  CD00CFW Datasheet HTML 1Page - Teledyne Technologies Incorporated CD00CFW Datasheet HTML 2Page - Teledyne Technologies Incorporated CD00CFW Datasheet HTML 3Page - Teledyne Technologies Incorporated CD00CFW Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
CD 43
CD\072002\Q1
Series CD
SHORT CIRCUIT SPECIFICATIONS
(CD20CD AND CD21CD)
Min
Typ
Max Units
Surge Current (See Fig. 7 and Note 6)
2.4
Adc
ENVIRONMENTAL SPECIFICATIONS
Min
Typ
Max Units
Temperature Range
Operating
-55
+105
°C
Storage
-55
+125
°C
Vibration, 100 g
10
3000
Hz
Constant Acceleration
5000
g
Shock, 0.5 ms
1500
g
TABLE 1: STATUS OUTPUT TRUTH TABLE
(CD01CF AND CD21CD)
Control Voltage
Output Status
Status Output Level
High
Off
High (V
SO = VSTATUS)
Low
On
Low (V
SO) ≤ 0.3 Vdc)
INPUT CURRENT VS VOLTAGE
FIGURE 2 (SEE NOTE 4)
LOAD CURRENT DERATING CURVE
FIGURE 3
WIRING CONFIGURATIONS
FIGURE 1 (SEE NOTE 8)


유사한 부품 번호 - CD00CFW

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
logo
Willow Technologies Ltd
CD00CFW WILLOW-CD00CFW Datasheet
746Kb / 4P
   DC Solid-State Relay
More results

유사한 설명 - CD00CFW

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
   2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
   SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Teledyne Technologies I...
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
   0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
   1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com