전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD00CFW 데이터시트(PDF) 4 Page - Teledyne Technologies Incorporated

부품명 CD00CFW
상세설명  2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CD00CFW 데이터시트(HTML) 4 Page - Teledyne Technologies Incorporated

  CD00CFW Datasheet HTML 1Page - Teledyne Technologies Incorporated CD00CFW Datasheet HTML 2Page - Teledyne Technologies Incorporated CD00CFW Datasheet HTML 3Page - Teledyne Technologies Incorporated CD00CFW Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CD 44
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
CD\072002\Q1
NOTES:
1.
Control input is compatible with CMOS or open collector
TTL (with pull up resistor).
2.
The rated input voltage is 5V for all tests unless otherwise
specified.
3.
Transient blocking voltage tests are performed per
MIL-STD-704 (28 Vdc systems).
4.
For bias voltages above 6V, a series resistor is required.
Use the standard resistor value equal to or less than the
value found from Figure 8.
5.
To calculate the maximum ON resistance for a given
junction temperature, find the normalized ON resistance
factor (NR) from Figure 4. Calculate the new ON
resistance as follows:
(CD00CD, CD01CD) R
(ON) = NR • RON @ 25°C
(CD20CD, CD21CD) R
(ON) = 0.2 • NR + 0.21
6.
Overload testing to the requirements of MIL-PRF-28750 is
constrained to the limits imposed by the short circuit
protection characteristics as defined in this specification.
System series inductance for “shorted-load” mode of
operation should be 30 µH maximum. Maximum repetition
rate into a shorted load should not exceed 10 Hz.
7.
A status pull up resistor is required for proper operation of
the status output. Determine the current (Iso) required by
the status interface. Calculate the current (Is) through the
status resistor such that the sink current through the
status output is 2 mA. Select the status resistor such that
it does not allow more than 2 mA to flow through the
status output.
R
STATUS
=
V
STATUS - 0.3V
2 mA - Iso
8.
Inductive loads should be diode suppressed. Input
transitions should be ≤ 1 ms duration and the input drive
should be a bounceless contact type.
SERIES LIMIT BIAS RESISTOR VS BIAS VOLTAGE
FIGURE 8 (SEE NOTE 4)
TRIP CURRENT VS TIME
FIGURE 7 (SEE NOTE 6)
OUTPUT TURN-ON AND TURN-OFF TIMING
FIGURE 5
NORMALIZED ON RESISTANCE VS JUNCTION
TEMPERATURE
FIGURE 4 (SEE NOTE 5)
Series CD


유사한 부품 번호 - CD00CFW

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
logo
Willow Technologies Ltd
CD00CFW WILLOW-CD00CFW Datasheet
746Kb / 4P
   DC Solid-State Relay
More results

유사한 설명 - CD00CFW

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
   2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
   SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Teledyne Technologies I...
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
   0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
   1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com