전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD00CFY 데이터시트(PDF) 2 Page - Teledyne Technologies Incorporated

부품명 CD00CFY
상세설명  2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CD00CFY 데이터시트(HTML) 2 Page - Teledyne Technologies Incorporated

  CD00CFY Datasheet HTML 1Page - Teledyne Technologies Incorporated CD00CFY Datasheet HTML 2Page - Teledyne Technologies Incorporated CD00CFY Datasheet HTML 3Page - Teledyne Technologies Incorporated CD00CFY Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CD 42
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
CD\072002\Q1
Series CD
OUTPUT (LOAD) SPECIFICATIONS
(See Note 2)
Min
Typ
Max Units
Continuous Load Current (See Fig. 3)
CD20CD
1.0
Adc
CD21CD
1.0
Adc
CD00CF
2.0
Adc
CD01CF
2.0
Adc
Leakage Current @ V
LOAD = 60 Vdc
40
µAdc
Output Voltage Drop
CD20CD
0.6
Vdc
CD21CD
0.6
Vdc
CD00CF
0.75
Vdc
CD01CF
0.75
Vdc
Continuous Operating Load Voltage
60
Vdc
Transient Blocking Voltage (See Note 3)
80
Vdc
ON Resistance Rds (on) at T
J = 25°C ILOAD = 100 mAdc (See Fig. 4)
CD20CD
0.36
0.45
Ohm
CD21CD
0.36
0.45
Ohm
CD00CF
0.16
0.22
Ohm
CD01CF
0.16
0.22
Ohm
Turn-On Time (See Fig. 5)
1.5
ms
Turn-Off Time (See Fig. 5)
0.25
ms
Electrical System Spike
±600
Vdc
Output Capacitance at 25 Vdc, 100 KHz
475
pF
Input to Output Capacitance
10
pF
Dielectric Strength
1000
Vac
Insulation Resistance @ 500 Vdc
109
Ohm
Maximum Junction Temperature (T
J Max)
CD00
150
°C
CD01
150
°C
Thermal Resistance Junction to Ambient (θ
JA)80
°C/W
Thermal Resistance Junction to Case (θ
JC)20
°C/W
STATUS OUTPUT SPECIFICATIONS
(CD01CF AND CD21CD)
Min
Typ
Max Units
Status Supply Voltage (See Note 7)
30
Vdc
Status Leakage Current @ 15 Vdc
4
µAdc
Status (sink) Current (V
SO < 0.3 Vdc)
2
mAdc
BLOCK DIAGRAM (BOTTOM VIEW)
MECHANICAL SPECIFICATIONS


유사한 부품 번호 - CD00CFY

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CD00CFY TELEDYNE-CD00CFY Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
logo
Willow Technologies Ltd
CD00CFY WILLOW-CD00CFY Datasheet
746Kb / 4P
   DC Solid-State Relay
More results

유사한 설명 - CD00CFY

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
   2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
   SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Teledyne Technologies I...
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
   0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
   1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com