전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3274 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 CA3274
상세설명  Current Limiting Power Switch with Current Limiter Sense Flag
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3274 데이터시트(HTML) 2 Page - Intersil Corporation

  CA3274 Datasheet HTML 1Page - Intersil Corporation CA3274 Datasheet HTML 2Page - Intersil Corporation CA3274 Datasheet HTML 3Page - Intersil Corporation CA3274 Datasheet HTML 4Page - Intersil Corporation CA3274 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10-41
CA3274
Block Diagram
FIGURE 1. TYPICAL APPLICATION AS A POWER SWITCH PRE-DRIVER SWITCH
CONTROL
LOGIC AND
CURRENT
LIMITER
CONTROL
IN
7
VCC
8
Q2
D1
R4
RELAY OR
SOLENOID LOAD
-
+
LATCH
Q1
FLAG
OUT
SIGNAL
GROUND
1
4
335mV
3
POWER
GROUND
SENSE
IN
2
5
6
R2
DRIVE IN
DRIVE OUT
R3
SENSE
R1
CONTROL
LOGIC &
CURRENT
LIMITER
CONTROL
IN
7
VCC
Q2
-
+
LATCH
Q1
FLAG
OUT
SIGNAL
GROUND
1
4
335mV
3
POWER
GROUND
SENSE
IN
DRIVE
VCC1
LOAD
0.056
6A
SENSE LEVEL EQUALS
335mV
0.056
= 6A
8
2
5
6
DARLINGTON


유사한 부품 번호 - CA3274

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3272 INTERSIL-CA3272 Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AM INTERSIL-CA3272AM Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AQ INTERSIL-CA3272AQ Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
   High-Side Driver
April 1994
More results

유사한 설명 - CA3274

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
A4788 AITSEMI-A4788 Datasheet
1Mb / 15P
   POWER SWITCH 1.1A_2.1A_2.6A CURRENT LIMITED W/FLAG POWER SWITCH
REV1.0 - MAR 2022
logo
Maxim Integrated Produc...
MAX14922 MAXIM-MAX14922_V01 Datasheet
634Kb / 23P
   High-Side Switch Controller with Current Limiting
2020
MAX4832 MAXIM-MAX4832 Datasheet
357Kb / 12P
   100mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
Maxim Integrated Produc...
MAX4836 MAXIM-MAX4836 Datasheet
356Kb / 12P
   500mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4834 MAXIM-MAX4834 Datasheet
350Kb / 12P
   250mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L_04 Datasheet
766Kb / 22P
   Smart Dual Current Sense Switch
V3.0 18.10.2004
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com