전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3277E 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 CA3277E
상세설명  Dual 5V Regulator with Serial Data Buffer Interface for Microcontroller Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3277E 데이터시트(HTML) 8 Page - Intersil Corporation

  CA3277E Datasheet HTML 1Page - Intersil Corporation CA3277E Datasheet HTML 2Page - Intersil Corporation CA3277E Datasheet HTML 3Page - Intersil Corporation CA3277E Datasheet HTML 4Page - Intersil Corporation CA3277E Datasheet HTML 5Page - Intersil Corporation CA3277E Datasheet HTML 6Page - Intersil Corporation CA3277E Datasheet HTML 7Page - Intersil Corporation CA3277E Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7-46
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 727-9207
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
CA3277
FIGURE 4E. TYPICAL CHARACTERISTIC CURVES FOR COMMON
(GROUND) CURRENT vs BATT VOLTAGE INPUT
WITH OUTPUT LOAD
FIGURE 4F. TYPICAL CHARACTERISTIC CURVES FOR CURRENT
TRANSFER EFFICIENCY OF IOUT1/IIN AND IOUT2/IIN
WHERE IIN INCLUDES (IIGNIN + IDATAIN) BIAS CURRENTS
0
5
10
15
10
5
0
DATA IN THROUGH 250
Ω TO BATT
TA = +25
oC, ENABLE HIGH; IGN IN TO BATT
INPUT VOLTAGE (V)
20
15
2
3
4
1
4) OUT1 = 100
Ω, OUT2 OPEN
3) OUT2 = 62
Ω, OUT1 OPEN
2) OUT1 = 100
Ω, OUT2 = 62Ω
1) OUT1 = OUT2 = 50
0
50
100
150
OUTPUT CURRENT (mA)
1.00
0.98
0.96
0.94
0.92
0.90
1
2
DATA IN THROUGH 250
Ω TO BATT
TA = +25
oC, ENABLE HIGH
IGN IN TO BATT, VBATT = 13.5V
2) IOUT2 VARIED, OUT1 - NO LOAD
1) IOUT1 VARIED, OUT2 - NO LOAD


유사한 부품 번호 - CA3277E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3272 INTERSIL-CA3272 Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AM INTERSIL-CA3272AM Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AQ INTERSIL-CA3272AQ Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
   High-Side Driver
April 1994
More results

유사한 설명 - CA3277E

제조업체부품명데이터시트상세설명
logo
Harris Corporation
TA14832 HARRIS-TA14832 Datasheet
82Kb / 3P
   DUAL 5V REGULATOR WITH LOGIC CONTROLLED STARUP FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
   DUAL 5V REGULATOR WITH RESET
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
   DUAL 5V REGULATOR WITH RESET
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
logo
National Semiconductor ...
LP2957 NSC-LP2957 Datasheet
378Kb / 14P
   5V Low-Dropout Regulator for P Applications
logo
ATMEL Corporation
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
logo
List of Unclassifed Man...
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
   microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
logo
WAGO Kontakttechnik Gmb...
750-654 WAGO-750-654 Datasheet
476Kb / 12P
   Serial Data Exchange Interface
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com