전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1623-L7-HF 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SC1623-L7-HF
상세설명  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC1623-L7-HF 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC1623-L7-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC1623-L7-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Diodes
SMD Type
Transistors
www.kexin.com.cn
Typical Characteristics
0
1
1
10
100
1000
0
0
1
0
1
1
1
.
0
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
0
0
1
0
1
1
1
.
0
10
100
0
0
1
0
1
1
1
.
0
10
100
1000
0
1
1
1
.
0
0.1
1
10
0.0
0.3
0.6
0.9
1.2
0.1
1
10
100
0
2
4
6
8
0
1
2
3
4
I
C
f
T
——
COMMON EMITTER
V
CE=6V
T
a=25
COLLECTOR CURRENT I
C
(mA)
70
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
2000
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
300
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 6V
20
50
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (V)
I
C
—— V
BE
COMMON EMITTER
V
CE=6V
Static Characteristic
COMMON
EMITTER
T
a=25
10uA
8uA
7uA
6uA
5uA
4uA
3uA
9uA
2uA
I
B=1uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
NPN Transistors
2SC1623-HF


유사한 부품 번호 - 2SC1623-L7-HF

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
2SC1623-L7 MCC-2SC1623-L7 Datasheet
111Kb / 2P
   NPN Silicon Epitaxial Transistors
2SC1623-L7 MCC-2SC1623-L7 Datasheet
340Kb / 4P
   NPN Silicon Epitaxial Transistors
logo
Guangdong Kexin Industr...
2SC1623-L7 KEXIN-2SC1623-L7 Datasheet
1Mb / 2P
   NPN Transistors
logo
Micro Commercial Compon...
2SC1623-L7 MCC-2SC1623-L7 Datasheet
384Kb / 4P
   NPN Silicon Epitaxial Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC1623-L7 YFWDIODE-2SC1623-L7 Datasheet
577Kb / 3P
   NPN Transistors
More results

유사한 설명 - 2SC1623-L7-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com