전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2982-HF 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SC2982-HF
상세설명  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2982-HF 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2982-HF_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2982-HF_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
Low saturation voltage
Small flat package
PC = 1.0 to 2.0 W (mounted on a ceramic substrate)
Complementary to 2SA1314-HF
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
30
Collector - Emitter Voltage
VCEO
10
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
2
Collector Current - Pulse
(Note.1)
Icp
4
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Note 1: Pulse test: Pulse width = 10 ms (max), duty cycle = 30% (max)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 1 mA, IE= 0
30
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA,IB= 0
10
Emitter - base breakdown voltage
VEBO
IE= 1mA, IC= 0
6
Collector- Base cut-off current
ICBO
VCB= 30 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 6V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=2A, IB=50mA
0.2
0.5
Base - emitter saturation voltage
VBE(sat) IC=2A, IB=50mA
1.2
Base - emitter voltage
VBE
VCE= 1V, IC= 2A
0.86
1.5
VCE= 1V, IC= 0.5A
140
600
VCE= 1V, IC= 2A
70
140
Collector output capacitance
Cob
VCB= 10V, IE=0,f=1MHz
27
pF
Transition frequency
fT
VCE= 1V, IC= 0.5A
150
MHz
DC current gain
hFE
V
V
uA
Classification of hfe(1)
Type
2SC2982-A-HF 2SC2982-B-HF 2SC2982-C-HF 2SC2982-D-HF
Range
140-240
200-330
300-450
420-600
Marking
SA* F
SB* F
SC* F
SD* F
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
NPN Transistors
2SC2982-HF


유사한 부품 번호 - 2SC2982-HF_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC2982-A KEXIN-2SC2982-A Datasheet
976Kb / 2P
   NPN Transistors
2SC2982-B KEXIN-2SC2982-B Datasheet
976Kb / 2P
   NPN Transistors
2SC2982-C KEXIN-2SC2982-C Datasheet
976Kb / 2P
   NPN Transistors
2SC2982-D KEXIN-2SC2982-D Datasheet
976Kb / 2P
   NPN Transistors
More results

유사한 설명 - 2SC2982-HF_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com