전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3306A 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 CA3306A
상세설명  6-Bit, 15 MSPS, Flash A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306A 데이터시트(HTML) 5 Page - Intersil Corporation

  CA3306A Datasheet HTML 1Page - Intersil Corporation CA3306A Datasheet HTML 2Page - Intersil Corporation CA3306A Datasheet HTML 3Page - Intersil Corporation CA3306A Datasheet HTML 4Page - Intersil Corporation CA3306A Datasheet HTML 5Page - Intersil Corporation CA3306A Datasheet HTML 6Page - Intersil Corporation CA3306A Datasheet HTML 7Page - Intersil Corporation CA3306A Datasheet HTML 8Page - Intersil Corporation CA3306A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
4-12
Timing Waveforms
FIGURE 1. INPUT-TO-OUTPUT
FIGURE 2. OUTPUT ENABLE
FIGURE 3. PULSE MODE
CLOCK IF
PHASE IS HIGH
CLOCK IF
PHASE IS LOW
COMPARATOR DATA IS LATCHED
DECODED DATA IS SHIFTED TO OUTPUT REGISTERS
AUTO
BALANCE
AUTO
BALANCE
SAMPLE
N + 2
SAMPLE
N + 1
φ2
φ2
φ2
φ1
φ1
tD
tH
DATA
N - 2
DATA
N - 1
DATA
N
tDIS
tEN
tDIS
tDIS
CE1
CE2
BITS 1-6
OF
DATA
HIGH
IMPEDANCE
HIGH
IMPEDANCE
HIGH
IMPEDANCE
DATA
DATA
DATA
DATA
φ2
φ1
φ2
tD
OLD DATA
NEW DATA
FIGURE 3A.
tD
φ2
φ1
φ1
φ2
φ1
OLD
DATA
OLD
DATA +1
NEW
DATA
SAMPLE ENDS
CLOCK
OUTPUT
FIGURE 3B.
CLOCK
OUTPUT
tD
φ2
φ1
φ2
φ1
INVALID
DATA
NEW
DATA
CLOCK
OLD DATA
FIGURE 3C.
φ2
OUTPUT
SAMPLE ENDS
SAMPLE ENDS
CA3306, CA3306A, CA3306C


유사한 부품 번호 - CA3306A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3306A INTERSIL-CA3306A Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
More results

유사한 설명 - CA3306A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com