전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3304AM 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 CA3304AM
상세설명  4-Bit, 25 MSPS, Flash A/D Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304AM 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button CA3304AM Datasheet HTML 2Page - Intersil Corporation CA3304AM Datasheet HTML 3Page - Intersil Corporation CA3304AM Datasheet HTML 4Page - Intersil Corporation CA3304AM Datasheet HTML 5Page - Intersil Corporation CA3304AM Datasheet HTML 6Page - Intersil Corporation CA3304AM Datasheet HTML 7Page - Intersil Corporation CA3304AM Datasheet HTML 8Page - Intersil Corporation CA3304AM Datasheet HTML 9Page - Intersil Corporation CA3304AM Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4-12
FIGURE 3A.
With φ2 as standby state (fastest method, but standby limited to 5
µs
maximum)
FIGURE 3B.
With φ1 as standby state (indefinite standby, double pulse needed)
FIGURE 3C.
With φ2 as standby state (indefinite standby, lower power than 3B)
FIGURE 3. PULSE-MODE TIMING DIAGRAMS
Timing Diagrams (Continued)
CLOCK
OUTPUT
SAMPLE ENDS
OLD DATA
NEW DATA
φ 2
φ 1
φ 2
tD
CLOCK
OUTPUT
SAMPLE ENDS
OLD DATA
NEW DATA
φ 2
φ 1
φ 2
tD
OLD DATA + 1
φ 1
φ 1
CLOCK
OUTPUT
SAMPLE ENDS
OLD DATA
NEW DATA
φ 1
φ 2
φ 1
tD
INVALID DATA
φ 2
φ 2
Typical Performance Curves
FIGURE 4. DATA DELAY vs TEMPERATURE
FIGURE 5. DEVICE CURRENT vs SAMPLE FREQUENCY
40
36
34
32
30
28
-50
-25
0
25
50
75
100
TEMPERATURE (oC)
38
8
6
5
4
3
2
5
1015
2025
30
fS (MHz)
7
CA3304, CA3304A


유사한 부품 번호 - CA3304AM

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3304AM INTERSIL-CA3304AM Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
More results

유사한 설명 - CA3304AM

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com