전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847AT 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BC847AT
상세설명  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC847AT 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BC847AT Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC847AT Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
BC847T (KC847T)
Features
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
1. Base
2. Emitter
3. Collecter
Absolute Maximum Ratings Ta = 25℃
Electrical Characteristics Ta = 25℃
Symbol
Test Conditions
Min
Typ
Max
Unit
VCBO
Ic= 100 μA, IE=0
50
VCEO
Ic= 10 mA, IB=0
45
VEBO
IE= 100μA, IC=0
6
ICBO
VCB= 30 V , IE=0
15
nA
IEBO
VEB= 6V , IC=0
0.1
uA
IC=10 mA, IB=0.5mA
0.25
IC=100 mA, IB=5mA
0.6
IC=10 mA, IB=0.5mA
0.7
IC=100 mA, IB=5mA
0.9
VCE= 5V, IC= 2mA
0.7
VCE= 5V, IC= 10mA
0.77
BC847AT
110
220
BC847BT
200
450
BC847CT
420
800
BC847AT/BT
10
BC847CT
4
Cob
VCB= 10V,f=1MHz
4.5
pF
fT
VCE= 5 V, IC=10mA,f=100MHz
100
MHz
Parameter
Collector- emitter breakdown voltage
Collector- base breakdown voltage
Collector-base cut-off current
V
Emitter - base breakdown voltage
Emitter cut-off current
VBE(sat)
Base-emitter voltage
VBE(on)
Collector-emitter saturation voltage
VCE(sat)
Collector output capacitance
Transition frequency
Noise figure
V
hFE
VCE= 5V, IC= 2mA
DC current gain
Base - emitter saturation voltage
NF
VCE=5V,f=1MHz,Ic=0.2mA
Rs=2KΩ,BW=200HZ
dB
0.58
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
50
Collector - Emitter Voltage
VCEO
45
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
0.1
A
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Classification of hfe
Type
BC847AT
BC847BT
BC847CT
Range
110-220
200-450
420-800
Marking
1E
1F
1G
SOT-523
m
m
:
t
i
n
U
0.2 +0.05
-0.05
1.0 +0.1
-0.1
1.6 +0.1
-0.1
0.3±0.05
0.5 +0.1
-0.1
0.15±0.05
1
2
3


유사한 부품 번호 - BC847AT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC847AT PHILIPS-BC847AT Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 26
logo
Central Semiconductor C...
BC847AT CENTRAL-BC847AT Datasheet
358Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Diodes Incorporated
BC847AT DIODES-BC847AT Datasheet
59Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
NXP Semiconductors
BC847AT NXP-BC847AT Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Infineon Technologies A...
BC847AT INFINEON-BC847AT Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
More results

유사한 설명 - BC847AT

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com