전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA1458 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 CA1458
상세설명  0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1458 데이터시트(HTML) 4 Page - Intersil Corporation

  CA1458 Datasheet HTML 1Page - Intersil Corporation CA1458 Datasheet HTML 2Page - Intersil Corporation CA1458 Datasheet HTML 3Page - Intersil Corporation CA1458 Datasheet HTML 4Page - Intersil Corporation CA1458 Datasheet HTML 5Page - Intersil Corporation CA1458 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Schematic Diagram
(Notes 5, 6)
CA741C, CA741, LM741C, LM741 AND FOR EACH AMPLIFIER OF THE CA1458, CA1558, AND LM1458
Typical Performance Curves
FIGURE 3. COMMON MODE INPUT VOLTAGE RANGE vs SUPPLY
VOLTAGE FOR ALL TYPES
FIGURE 4. OUTPUT VOLTAGE vs SUPPLY VOLTAGE FOR ALL
TYPES
INVERTING
NON-INVERTING
INPUT
INPUT
OFFSET
NULL
*
R1
1K
R3
50K
R2
1K
Q6
Q7
Q8
Q3
Q1
Q4
Q2
R4
3K
Q9
R5
39K
R7
4.5K
R8
7.5K
D4
C1
30pF
Q11
Q10
D1
D2
Q5
D3
Q14
Q15
Q16
R12
50K
R11
80K
V+
OUTPUT
V-
Q12
Q13
R9
25
R10
50
Q17
NOTES:
5. See Pinouts for Terminal Numbers of Respective Types.
6. All Resistance Values are in Ohms.
*
*
*
*
*
*
15
10
5
0
0
5
10
15
20
DC SUPPLY (V+, V-)
TA = 25
oC
40
35
30
25
20
15
10
5
0
0
5
10
15
20
DC SUPPLY (V+, V-)
TA = 25
oC
RL ≥ 2kΩ
CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458


유사한 부품 번호 - CA1458

제조업체부품명데이터시트상세설명
logo
Harris Corporation
CA1458 HARRIS-CA1458 Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA1458E INTERSIL-CA1458E Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
More results

유사한 설명 - CA1458

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com