전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7741 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7741
상세설명  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7741 데이터시트(HTML) 3 Page - Analog Devices

  AD7741_15 Datasheet HTML 1Page - Analog Devices AD7741_15 Datasheet HTML 2Page - Analog Devices AD7741_15 Datasheet HTML 3Page - Analog Devices AD7741_15 Datasheet HTML 4Page - Analog Devices AD7741_15 Datasheet HTML 5Page - Analog Devices AD7741_15 Datasheet HTML 6Page - Analog Devices AD7741_15 Datasheet HTML 7Page - Analog Devices AD7741_15 Datasheet HTML 8Page - Analog Devices AD7741_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
AD7741/AD7742
(VDD = +4.75 V to +5.25 V; VREF = +2.5 V; fCLKIN = 6.144 MHz; all specifications TMIN to
TMAX unless otherwise noted.)
B Version
1
Y Version
2
Parameter
3
Min
Typ
Max
Min
Typ
Max
Units
Conditions/Comments
DC PERFORMANCE
Integral Nonlinearity
fCLKIN = 200 kHz
4
± 0.0122
± 0.015
% of Span
5
fCLKIN = 3 MHz
4
± 0.0122
± 0.015
% of Span
fCLKIN = 6.144 MHz
± 0.0122
± 0.015
% of Span
Offset Error
± 40
± 40
mV
Unipolar Mode
± 40
± 40
mV
Bipolar Mode
Gain Error
+0.2
+1.2
+2.2
+0.2
+1.2
+2.2
% of Span
Unipolar Mode
+0.2
+1.2
+2.2
+0.2
+1.2
+2.2
% of Span
Bipolar Mode
Offset Error Drift
4
± 12
± 12
µV/°C
Unipolar Mode
± 12
± 12
µV/°C
Bipolar Mode
Gain Error Drift
4
± 2
± 2
ppm of Span/
°C
Unipolar Mode
± 4
± 4
ppm of Span/
°C
Bipolar Mode
Power Supply Rejection Ratio
4
–70
–70
dB
∆V
DD = ± 5%
Channel-to-Channel Isolation
4
–75
–75
dB
Common-Mode Rejection
–60
–78
–58
–78
dB
ANALOG INPUTS (VIN1–VIN4)
6
Input Current
± 50
± 100
± 50
± 100
nA
Common-Mode Input Range
+0.5
VDD – 1.75
+0.5
VDD – 1.75
V
Differential Input Range
–VREF/Gain
+VREF/Gain –VREF/Gain
+VREF/Gain
V
Bipolar Mode
0+VREF/Gain 0
+VREF/Gain
V
Unipolar Mode
VOLTAGE REFERENCE
REFIN
Nominal Input Voltage
2.5
2.5
V
Input Impedance
4
fCLKIN = 3 MHz
70
70
k
fCLKIN = 6.144 MHz
35
35
k
REFOUT
Output Voltage
2.38
2.50
2.60
2.38
2.50
2.60
V
Output Impedance
4
11
k
Reference Drift
4
± 50
± 50
ppm/
°C
Line Rejection
–70
–70
dB
Reference Noise
(0.1 Hz to 10 Hz)
4
100
100
µV p-p
LOGIC OUTPUT
Output High Voltage, VOH
4.0
4.0
V
Output Sourcing 800
µA7
Output Low Voltage, VOL
0.4
0.4
V
Output Sinking 1.6 mA
7
Minimum Output Frequency
0.05 fCLKIN
0.05 fCLKIN
Hz
VIN = 0 V (Unipolar), VIN =
–VREF/Gain (Bipolar)
Maximum Output Frequency
0.45 fCLKIN
0.45 fCLKIN
Hz
VIN = VREF/Gain (Unipolar
and Bipolar)
LOGIC INPUT
ALL EXCEPT CLKIN
Input High Voltage, VIH
2.4
2.4
V
Input Low Voltage, VIL
0.8
0.8
V
Input Current
± 100
± 100
nA
Pin Capacitance
6
10
6
10
pF
CLKIN ONLY
Input High Voltage, VIH
3.5
3.5
V
Input Low Voltage, VIL
0.8
0.8
V
Input Current
± 2
± 2
µA
Pin Capacitance
6
10
6
10
pF
CLOCK FREQUENCY
Input Frequency
6.144
6.144
MHz
For Specified Performance
POWER REQUIREMENTS
VDD
4.75
5.25
4.75
5.25
V
IDD (Normal Mode)
6
8
6
8
mA
Output Unloaded
IDD (Power-Down)
25
35
25
35
µA
Power-Up Time
4
30
30
µs
Coming Out of Power-
Down Mode
NOTES
1Temperature range: B Version: –40
°C to +85°C.
2Temperature range: Y Version: –40
°C to +105°C.
3See Terminology.
4Guaranteed by design and characterization, not production tested.
5Span = Maximum Output Frequency–Minimum Output Frequency.
6The absolute voltage on the input pins must not go more positive than V
DD – 1.75 V or more negative than +0.5 V.
7These logic levels apply to CLKOUT only when it is loaded with one CMOS load.
Specifications subject to change without notice
.
AD7742–SPECIFICATIONS


유사한 부품 번호 - AD7741_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7741BN AD-AD7741BN Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BN AD-AD7741BN Datasheet
120Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BNZ AD-AD7741BNZ Datasheet
120Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results

유사한 설명 - AD7741_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BNZ AD-AD7741BNZ Datasheet
120Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com