전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7769 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7769
상세설명  Analog I/O Port
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7769 데이터시트(HTML) 5 Page - Analog Devices

  AD7769_15 Datasheet HTML 1Page - Analog Devices AD7769_15 Datasheet HTML 2Page - Analog Devices AD7769_15 Datasheet HTML 3Page - Analog Devices AD7769_15 Datasheet HTML 4Page - Analog Devices AD7769_15 Datasheet HTML 5Page - Analog Devices AD7769_15 Datasheet HTML 6Page - Analog Devices AD7769_15 Datasheet HTML 7Page - Analog Devices AD7769_15 Datasheet HTML 8Page - Analog Devices AD7769_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7769
–5–
REV. A
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND or DGND . . . . . . . . . . . . . . . . . –0.3 V, +15 V
VCC to DGND . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V or 7 V
(Whichever is Lower)
AGND to DGND . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Digital Inputs to DGND
(Pins 12, 13, 15–18) . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Digital Outputs to DGND
(Pins 3–10, 11) . . . . . . . . . . . . . . . . . . . –0.3 V, VCC +0.3 V
Analog Inputs to AGND . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Analog Outputs to AGND . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Power Dissipation (Any Package)
to +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mW
Derates Above +75
°C by . . . . . . . . . . . . . . . . . . . 6 mW/°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 secs) . . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one Absolute
Maximum Rating may be applied at any one time.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7769 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD7769JN
0
°C to +70°C
N-28
AD7769JP
0
°C to +70°C
P-28A
AD7769AN
–40
°C to +85°C
N-28
AD7769AP
–40
°C to +85°C
P-28A
*N = Plastic DIP; P = Plastic Leaded Chip Carrier.
NOTE
Do not allow VCC to exceed VDD by more than 0.3 V. In cases
where this can happen the diode protection scheme shown
below is recommended.
PIN CONFIGURATIONS
DIP
PLCC


유사한 부품 번호 - AD7769_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7769AN AD-AD7769AN Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769AP AD-AD7769AP Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769JN AD-AD7769JN Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769JP AD-AD7769JP Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
More results

유사한 설명 - AD7769_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7769 AD-AD7769 Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
   LC MOS ANALOG I/O PORT
REV. A
AD15700 AD-AD15700 Datasheet
1Mb / 44P
   1 MSPS 16-/14-Bit Analog I/O Port
REV. A
AD5590 AD-AD5590 Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
logo
ADL Embedded Solutions
104-DIO24E ADL-104-DIO24E Datasheet
97Kb / 2P
   PC/104-Analog I/O Board
logo
CML Microcircuits
MX839 CMLMICRO-MX839 Datasheet
169Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
Analog Devices
AD5590 AD-AD5590_17 Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
logo
List of Unclassifed Man...
MX839 ETC-MX839 Datasheet
165Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
Red Lion Controls. Inc
ET-16AI2 REDLION-ET-16AI2 Datasheet
462Kb / 1P
   Ethernet I/O Module ??Analog Inputs
logo
Advantech Co., Ltd.
ADAM-6717 ADVANTECH-ADAM-6717 Datasheet
226Kb / 1P
   Intelligent I/O Gateway with Analog Input
26-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com