전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7777 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7777
상세설명  LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7777 데이터시트(HTML) 5 Page - Analog Devices

  AD7777_15 Datasheet HTML 1Page - Analog Devices AD7777_15 Datasheet HTML 2Page - Analog Devices AD7777_15 Datasheet HTML 3Page - Analog Devices AD7777_15 Datasheet HTML 4Page - Analog Devices AD7777_15 Datasheet HTML 5Page - Analog Devices AD7777_15 Datasheet HTML 6Page - Analog Devices AD7777_15 Datasheet HTML 7Page - Analog Devices AD7777_15 Datasheet HTML 8Page - Analog Devices AD7777_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7776/AD7777/AD7778
–5–
REV. A
PIN FUNCTION DESCRIPTION
Mnemonic
Description
VCC
+5 V Power Supply.
AGND
Analog Ground.
DGND
Digital Ground. Ground reference for digital circuitry.
DB0–DB9
Input/Output Data Bus. This is a bidirectional data port from which ADC output data may be read and to which
control register data may be written.
BUSY/INT
Busy/Interrupt Output. Active low logic output indicating A/D converter status. This logic output has two modes
of operation depending on whether location CR9 of the control register has been set low or high:
If CR9 is set low, the
BUSY/INT output behaves as a BUSY signal. The BUSY signal goes low and stays low for the
duration of a single conversion, or if simultaneous sampling has been selected,
BUSY stays low for the duration of
both conversions.
If CR9 is set high,
BUSY/INT output behaves as an INTERRUPT signal. The INT signal goes low and remains low
after either a single conversion is completed or after a double conversion is completed if simultaneous sampling has
been selected. With CR9 high, the falling edge of
WR or RD resets the INT line high.
CS
Chip Select Input. The device is selected when this input is low.
WR
Write Input (Active Low). It is used in conjunction with
CS to write data to the control register. Data is latched to the
registers on the rising edge of
WR. Following the rising edge of WR, the analog input is acquired and a conversion is
started.
RD
Read Input (Active Low). It is used in conjunction with
CS to enable the data outputs from the ADC registers.
AIN1–8
Analog Inputs 1–8. The analog input range is VBIAS
± V
SWING where VBIAS and VSWING are defined by the reference
voltage applied to REFIN. Input resistance between any of the analog input pins and AGND is 10 k
Ω or greater.
REFIN
Voltage Reference Input. The AD7776/AD7777/AD7778 are specified over a voltage reference range of 1.9 V to 2.1 V
with a nominal value of 2.0 V. This REFIN voltage provides the VBIAS and VSWING levels for the input channel(s).
VBIAS is equal to REFIN and VSWING is nominally equal to REFIN/2. Input resistance between this REFIN pin and
AGND is 10 k
Ω or greater.
REFOUT
Voltage Reference Output. This pin provides the internal voltage reference, which is nominally 2.0 V. It can provide
the bias voltage (VBIAS) for the input channel(s).
CREFIN
Reference Decoupling Capacitor. A 10 nF capacitor must be connected from this pin to AGND to ensure correct
operation of the high speed ADC.
RTN
Signal Return Path for the input channel(s). Normally RTN is connected to AGND at the package.
CIRCUIT DESCRIPTION
ADC Transfer Function
For all versions, an input signal of the form VBIAS
± VSWING is
expected. This VBIAS signal level operates as a pseudo ground to
which all input signals must be referred. The VBIAS level is
determined by the voltage applied to the REFIN pin. This can
be driven by an external voltage source or, alternatively, by the
onboard 2 V reference, available at REFOUT. The magnitude
of the input signal swing is equal to VBIAS/2 (or REFIN/2) and is
set internally. With a REFIN of 2 V, the analog input signal level
varies from 1 V to 3 V, i.e., 2
± 1 V. Figure 5 shows the transfer
function of the ADC and its relationship to VBIAS and VSWING.
The half-scale two's complement code of the ADC, 000 Hex (00
0000 0000 Binary), occurs at an input voltage equal to VBIAS. The
input full-scale range of the ADC is equal to 2 VSWING, so that the
Plus Full-Scale transition (1FE to 1FF) occurs at a voltage equal to
VBIAS + VSWING – 1.5 LSBs, and the minus full-scale code transi-
tion (200 to 201) occurs at a voltage VBIAS – VSWING + 0.5 LSBs.
ADC
OUTPUT
CODE
(HEX)
1FF
1FE
202
201
200
000
VBIAS–VSWING
VBIAS
VBIAS+VSWING
ANALOG INPUT, VIN
Figure 5. ADC Transfer Function


유사한 부품 번호 - AD7777_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7777AN AD-AD7777AN Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
AD7777AR AD-AD7777AR Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
More results

유사한 설명 - AD7777_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7776 AD-AD7776_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 nad 8 Channel 10 Bit ADCs
REV. A
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com