전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS251M 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 DM74ALS251M
상세설명  3-STATE 1-of-8 Line Data Selector/Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS251M 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS251M Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS251M Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS251M Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS251M Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS251M Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS251M Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS251M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Select
5
18
ns
LOW-to-HIGH Level Output
CL = 50 pF
Y
tPHL
Propagation Delay Time
RL = 500Ω
Select
8
24
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select
8
24
ns
LOW-to-HIGH Level Output
W
tPHL
Propagation Delay Time
Select
7
23
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data
2
10
ns
LOW-to-HIGH Level Output
Y
tPHL
Propagation Delay Time
Data
3
15
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data
3
15
ns
LOW-to-HIGH Level Output
W
tPHL
Propagation Delay Time
Data
3
15
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output Control
3
15
ns
to HIGH Level
Y
tPZL
Output Enable Time
Output Control
3
15
ns
to LOW Level
tPZH
Output Enable Time
Output Control
3
15
ns
to HIGH Level
W
tPZL
Output Enable Time
Output Control
3
15
ns
to LOW Level
tPHZ
Output Disable Time
Output Control
2
10
ns
from HIGH Level
Y
tPLZ
Output Disable Time
Output Control
1
10
ns
from LOW Level
tPHZ
Output Disable Time
Output Control
2
10
ns
from HIGH Level
W
tPLZ
Output Disable Time
Output Control
1
10
ns
from LOW Level


유사한 부품 번호 - DM74ALS251M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
More results

유사한 설명 - DM74ALS251M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74LS251 FAIRCHILD-DM74LS251 Datasheet
58Kb / 6P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S251 NSC-DM54S251 Datasheet
121Kb / 6P
   TRI-STATE 1 of 8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com