전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4007 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 CD4007
상세설명  CMOS Dual Complementary Pair Plus Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4007 데이터시트(HTML) 7 Page - Intersil Corporation

  CD4007 Datasheet HTML 1Page - Intersil Corporation CD4007 Datasheet HTML 2Page - Intersil Corporation CD4007 Datasheet HTML 3Page - Intersil Corporation CD4007 Datasheet HTML 4Page - Intersil Corporation CD4007 Datasheet HTML 5Page - Intersil Corporation CD4007 Datasheet HTML 6Page - Intersil Corporation CD4007 Datasheet HTML 7Page - Intersil Corporation CD4007 Datasheet HTML 8Page - Intersil Corporation CD4007 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7-672
CD4007UBMS
Typical Performance Characteristics
FIGURE 3. TYPICAL VOLTAGE-TRANSFER CHARACTERIS-
TICS FOR NAND GATE
FIGURE 4. TYPICAL VOLTAGE-TRANSFER CHARACTERIS-
TICS FOR NOR GATE
FIGURE 5. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM AND MAXIMUM VOLTAGE-TRANSFER
CHARACTERISTICS FOR INVERTER
FIGURE 7. TYPICAL CURRENT AND VOLTAGE-TRANSFER
CHARACTERISTICS FOR INVERTER
FIGURE 8. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
VI
VO
VDD
A - SINGLE INPUT ONLY
B - TWO INPUTS ONLY
C - THREE INPUTS
* OTHER INPUT
SWITCHES TO VDD
*
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE
(VDD) = 15V
C
B
A
A
B
C
A
B
C
10V
5V
0
2.5
5.0
7.5
10
12.5
15
INPUT VOLTAGE (VI) (V)
2
4
6
8
10
12
14
16
VO
VI
A - SINGLE INPUT ONLY
B - TWO INPUTS ONLY
C - THREE INPUTS
* OTHER INPUT
*
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE
(VDD) = 15V
2
4
6
8
10
12
14
16
0
2.5
5.0
7.5
10.0
12.5
15.0
INPUT VOLTAGE (VI) (V)
A
B
C
A
B
C
A
B
C
10V
5V
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
VI
VO
SUPPLY VOLTAGE
(VDD) = 15V
10V
5V
15.0
12.5
10.0
7.5
5.0
2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
INPUT VOLTAGE (VI) (V)
ID
VO
ID
VDD
VO
14 11
VI
10
79
12
TERM 3 & 6 TO GND
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE
(VDD) = 15V
15.0
12.5
10.0
7.5
5.0
2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
12.5
10.0
7.5
5.0
2.5
INPUT VOLTAGE (VI) (V)
10
10
15
5
5
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)


유사한 부품 번호 - CD4007

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4007 TI-CD4007 Datasheet
238Kb / 11P
[Old version datasheet]   CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007 FAIRCHILD-CD4007 Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007 NSC-CD4007 Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
List of Unclassifed Man...
CD4007 ETC2-CD4007 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
More results

유사한 설명 - CD4007

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4007UB TI-CD4007UB Datasheet
238Kb / 11P
[Old version datasheet]   CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com