전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4009UBMS 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 CD4009UBMS
상세설명  CMOS Hex Buffers/Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4009UBMS 데이터시트(HTML) 1 Page - Intersil Corporation

  CD4009UBMS Datasheet HTML 1Page - Intersil Corporation CD4009UBMS Datasheet HTML 2Page - Intersil Corporation CD4009UBMS Datasheet HTML 3Page - Intersil Corporation CD4009UBMS Datasheet HTML 4Page - Intersil Corporation CD4009UBMS Datasheet HTML 5Page - Intersil Corporation CD4009UBMS Datasheet HTML 6Page - Intersil Corporation CD4009UBMS Datasheet HTML 7Page - Intersil Corporation CD4009UBMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CD4009UBMS
CMOS Hex Buffers/Converter
CD4009UBMS Hex Buffer/Converter may be used as a
CMOS to TTL or DTL logic-level converter or a CMOS high-
sink-current driver.
The CD4049UB is the preferred hex buffer replacement for
the CD4009UBMS in all applications except multiplexers.
For applications not requiring high sink current or voltage
conversion, the CD4069UB Hex Inverter is recommended.
The CD4009UBMS is supplied in these 16 lead outline pack-
ages:
Features
• Inverting Type
• High-Voltage Type (20V Rating)
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full
Package-Temperature Range;
- 10nA at 18V and +25oC
• 5V, 10V and 15V Parametric Ratings
Applications
• CMOS To DTL/TTL Hex Converter
• CMOS Current “Sink” or “Source” Driver
• CMOS High-to-Low Logic-Level Converter
• Multiplexer - 1 to 6 or 6 to 1
Pinout
CD4009UBMS
TOP VIEW
Functional Diagram
Braze Seal DIP
H4S
Frit Seal DIP
H1E
Ceramic Flatpack H3X
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
G = A
A
H = B
B
I = C
VSS
C
VDD
F
NC
K = E
E
J = D
D
L = F
NC = NO CONNECTION
13
NC
VCC
VSS
VDD
1
8
16
A
32
G = A
F
14
15
L = F
B
54
H = B
C
76
I = C
D
910
J = D
E
11
12
K = E
NC = NO CONNECTION
Data Sheet
November 1994
File Number
3293
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


유사한 부품 번호 - CD4009UBMS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4009UBM TI-CD4009UBM Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UBM TI-CD4009UBM Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UBM TI1-CD4009UBM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
CD4009UBM96 TI-CD4009UBM96 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UBME4 TI-CD4009UBME4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
More results

유사한 설명 - CD4009UBMS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4009UBPWRE4 TI-CD4009UBPWRE4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UB TI-CD4009UB Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4049UB TI-CD4049UB Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96G4 TI-CD4010BM96G4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UB TI1-CD4009UB_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_14 Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UB ONSEMI-MC14049UB_V01 Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com