전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1298 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1298
상세설명  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1298 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1298_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1298_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1298
Typical Characterisitics
-0
-1
-2
-3
-4
-5
-0
-20
-40
-60
-80
-100
-120
-140
0
0
1
-
0
1
-
1
-
-200
-400
-600
-800
-1000
0
0
1
-
0
1
-
1
-
-10
-100
-1000
0
1
-
1
-
1
.
0
-
1
10
100
0
0
1
-
0
1
-
1
-
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
-0
-200
-400
-600
-800
-1000
-0.1
-1
-10
-100
0
0
1
-
0
1
-
1
-
-1
-10
-100
-1000
COMMON
EMITTER
T
a=25
-450uA
-400uA
-350uA
-300uA
-250uA
-200uA
-150uA
-100uA
I
B=-50uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
COLLECTOR CURRENT I
C
(mA)
β=25
Ta=25℃
Ta=100℃
I
C
V
BEsat
——
-800
COLLECTOR CURRENT I
C
(mA)
V
CE=-1V
Ta=25
oC
Ta=100
oC
I
C
h
FE
——
-800
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
Ta=25
oC
V
CB/ VEB
C
ob/ Cib
——
-20
I
C
VCE=-5V
Ta=25
oC
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
P
C
—— T
a
f
T
——
VCE=-1V
Ta=100℃
Ta=25℃
I
C
V
BE
——
BASE-EMMITER VOLTAGE V
BE
(mV)
-800
COLLECTOR CURRENT I
C
(mA)
β=25
Ta=100℃
Ta=25℃
I
C
V
CEsat
——
-800


유사한 부품 번호 - 2SA1298_15

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
2SA1298-O MCC-2SA1298-O Datasheet
395Kb / 3P
   PNP General Purpose Amplifier
logo
DONGGUAN YOU FENG WEI E...
2SA1298-O YFWDIODE-2SA1298-O Datasheet
600Kb / 3P
   PNP Transistors
logo
Micro Commercial Compon...
2SA1298-Y MCC-2SA1298-Y Datasheet
395Kb / 3P
   PNP General Purpose Amplifier
logo
DONGGUAN YOU FENG WEI E...
2SA1298-Y YFWDIODE-2SA1298-Y Datasheet
600Kb / 3P
   PNP Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1298LT1 WINNERJOIN-2SA1298LT1 Datasheet
99Kb / 1P
   PNP TRANSISTOR
More results

유사한 설명 - 2SA1298_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com