전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1363-E 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1363-E
상세설명  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1363-E 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1363-E Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1363-E Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1363-E Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
High hFE : hFE = 150 to 800
High Collector Current (IC = -2A)
High Collector Dissipation PC = 500mW
Small Package For Mounting
Complementary to 2SC3443
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
B
-r
o
t
c
e
ll
o
C
CBO
-20
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
-r
o
t
c
e
ll
o
C
CEO
-16
V
V
e
g
a
tl
o
V
e
s
a
B
-r
e
tt
i
m
E
EBO
-6
V
I
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
C
-2
A
I
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
k
a
e
P
CM
-3
A
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C
500
mW
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
m
u
J
j
150
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
Electrical Characteristics Ta = 25
PNP Transistors
2SA1363
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-20
Collector- emitter breakdown voltage
VCEO
Ic= -2 mA, IB=0
-16
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -16 V , IE=0
-200
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-200
Collector-emitter saturation voltage
VCE(sat) IC=-1A, IB=- 50mA
-0.17 -0.3
Base - emitter saturation voltage
VBE(sat) IC=-1A, IB=- 50mA
-1.2
DC current gain
hFE
VCE= -4V, IC= -100mA
150
800
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
42
pF
Transition frequency
fT
VCE= -2V, IE= 10mA
80
MHz
V
nA
V
Classification of hfe
Type
2SA1363-E
2SA1363-F
2SA1363-G
Range
150-300
250-500
400-800
Marking
AE
AF
AG


유사한 부품 번호 - 2SA1363-E

제조업체부품명데이터시트상세설명
logo
Isahaya Electronics Cor...
2SA1363 ISAHAYA-2SA1363 Datasheet
148Kb / 4P
   FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Guangdong Kexin Industr...
2SA1363 KEXIN-2SA1363 Datasheet
369Kb / 3P
   High Current Drive Applications
More results

유사한 설명 - 2SA1363-E

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com