전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7845 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7845
상세설명  LC MOS Complete 12-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7845 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7845_15 Datasheet HTML 2Page - Analog Devices AD7845_15 Datasheet HTML 3Page - Analog Devices AD7845_15 Datasheet HTML 4Page - Analog Devices AD7845_15 Datasheet HTML 5Page - Analog Devices AD7845_15 Datasheet HTML 6Page - Analog Devices AD7845_15 Datasheet HTML 7Page - Analog Devices AD7845_15 Datasheet HTML 8Page - Analog Devices AD7845_15 Datasheet HTML 9Page - Analog Devices AD7845_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7845
REV. B
–6–
PIN FUNCTION DESCRIPTION (DIP)
Pin
Mnemonic
Description
1VOUT
Voltage Output Terminal
2-11
DB11–DB2
Data Bit 11 (MSB) to Data Bit 2
12
DGND
Digital Ground. The metal lid on the ceramic package is connected to this pin
13-14
DB1–DB0
Data Bit 1 to Data Bit 0 (LSB)
15
WR
Write Input. Active low
16
CS
Chip Select Input. Active low
17
VREF
Reference Input Voltage which can be an ac or dc signal
18
AGND
Analog Ground. This is the reference point for external analog circuitry
19
VSS
Negative power supply for the output amplifier (nominal –12 V to +15 V)
20
VDD
Positive power supply (nominal +12 V to +15 V)
21
RA
Application resistor. RA = 4 RFB
22
RB
Application resistor. RB = 2 RFB
23
RC
Application resistor. RC = 2 RFB
24
RFB
Feedback resistor in the DAC. For normal operation this is connected to VOUT
CIRCUIT INFORMATION
Digital Section
Figure 11 is a simplified circuit diagram of the AD7845 input
control logic. When
CS and WR are both low, the DAC latch is
loaded with the data on the data inputs. All the digital inputs
are TTL, HCMOS and +5 V CMOS compatible, facilitating
easy microprocessor interfacing. All digital inputs incorporate
standard protection circuitry.
Figure 11. AD7845 Input Control Logic
D/A Section
Figure 12 shows a simplified circuit diagram for the AD7845
D/A section and output amplifier.
A segmented scheme is used whereby the 2 MSBs of the 12-bit
data word are decoded to drive the three switches A-C. The
remaining 10 bits drive the switches (S0–S9) in a standard R-2R
ladder configuration.
R
RR
2R
2R
2R
2R
2R
BA
S9
2R
C
VREF
S8
S0
SHOWN FOR ALL 1s ON DAC
2R
IOUT
AGND
Figure 12. Simplified Circuit Diagram for the AD7845 D/A
Section
Each of the switches A–C steers 1/4 of the total reference cur-
rent with the remaining 1/4 passing through the R-2R section.
An output amplifier and feedback resistor perform the current-
to-voltage conversion giving
VOUT = – D
× V
REF
where D is the fractional representation of the digital word. (D
can be set from 0 to 4095/4096.)
The amplifier can maintain
±10 V across a 2 kΩ load. It is inter-
nally compensated and settles to 0.01% FSR (1/2 LSB) in less
than 5
µs. The input offset voltage is laser trimmed at wafer
level. The amplifier slew rate is typically 11 V/
µs, and the unity
gain small signal bandwidth is 600 kHz. There are three extra
on-chip resistors (RA, RB, RC) connected to the amplifier invert-
ing terminal. These are useful in a number of applications in-
cluding offset adjustment and gain ranging.


유사한 부품 번호 - AD7845_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7845AQ AD-AD7845AQ Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7845AR AD-AD7845AR Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7845BQ AD-AD7845BQ Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7845BR AD-AD7845BR Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7845JN AD-AD7845JN Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
More results

유사한 설명 - AD7845_15

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com