전자부품 데이터시트 검색엔진 |
|
AD7845 데이터시트(PDF) 1 Page - Analog Devices |
|
AD7845 데이터시트(HTML) 1 Page - Analog Devices |
1 / 12 page REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a LC2MOS Complete 12-Bit Multiplying DAC AD7845 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 1999 FUNCTIONAL BLOCK DIAGRAM PRODUCT HIGHLIGHTS 1. Voltage Output Multiplying DAC The AD7845 is the first DAC which has a full 4-quadrant multiplying capability and an output amplifier on chip. All specifications include amplifier performance. 2. Matched Application Resistors Three application resistors provide an easy facility for gain ranging, voltage offsetting, etc. 3. Space Saving The AD7845 saves space in two ways. The integration of the output amplifier on chip means that chip count is reduced. The part is housed in skinny 24-lead 0.3" DIP, 28-terminal LCC and PLCC and 24-terminal SOIC packages. GENERAL DESCRIPTION The AD7845 is the industry’s first 4-quadrant multiplying D/A converter with an on-chip amplifier. It is fabricated on the LC 2MOS process, which allows precision linear components and digital circuitry to be implemented on the same chip. The 12 data inputs drive latches which are controlled by stan- dard CS and WR signals, making microprocessor interfacing simple. For stand-alone operation, the CS and WR inputs can be tied to ground, making all latches transparent. All digital inputs are TTL and 5 V CMOS compatible. The output amplifier can supply ±10 V into a 2 kΩ load. It is internally compensated, and its input offset voltage is low due to laser trimming at wafer level. For normal operation, RFB is tied to VOUT, but the user may alternatively choose RA, RB or RC to scale the output voltage range. FEATURES 12-Bit CMOS MDAC with Output Amplifier 4-Quadrant Multiplication Guaranteed Monotonic (TMIN to TMAX) Space-Saving 0.3" DIPs and 24- or 28-Terminal Surface Mount Packages Application Resistors On Chip for Gain Ranging, etc. Low Power LC2MOS APPLICATIONS Automatic Test Equipment Digital Attenuators Programmable Power Supplies Programmable Gain Amplifiers Digital-to-4–20 mA Converters |
유사한 부품 번호 - AD7845_15 |
|
유사한 설명 - AD7845_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |