전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7849CNZ 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7849CNZ
상세설명  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7849CNZ 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7849CNZ Datasheet HTML 6Page - Analog Devices AD7849CNZ Datasheet HTML 7Page - Analog Devices AD7849CNZ Datasheet HTML 8Page - Analog Devices AD7849CNZ Datasheet HTML 9Page - Analog Devices AD7849CNZ Datasheet HTML 10Page - Analog Devices AD7849CNZ Datasheet HTML 11Page - Analog Devices AD7849CNZ Datasheet HTML 12Page - Analog Devices AD7849CNZ Datasheet HTML 13Page - Analog Devices AD7849CNZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7849
Rev. C | Page 10 of 20
TERMINOLOGY
Least Significant Bit
This is the analog weighting of 1 bit of the digital word in a
DAC. For the B version and the C versions, 1 LSB = (VREF+
VREF−)/216. For the A version, 1 LSB = (VREF+ − VREF−)/214.
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for both endpoints (that is, offset and gain errors are
adjusted out) and is normally expressed in least significant bits
or as a percentage of full-scale range.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal change between any two adjacent codes. A
specified differential nonlinearity of less than ±1 LSB over the
operating temperature range ensures monotonicity.
Gain Error
Gain error is a measure of the output error between an ideal
DAC and the actual device output with all 1s loaded after offset
error has been adjusted out. Gain error is adjustable to zero
with an external potentiometer.
Offset Error
This is the error present at the device output with all 0s loaded
in the DAC. It is due to the op amp input offset voltage and bias
current and the DAC leakage current.
Bipolar Zero Error
When the AD7849 is connected for bipolar output and (100 …
000) is loaded to the DAC, the deviation of the analog output
from the ideal midscale of 0 V is called the bipolar zero error.
Digital-to-Analog Glitch Impulse
This is the amount of charge injected from the digital inputs to
the analog output when the inputs change state. Normally, this
is specified as the area of the glitch in nV-secs.
Multiplying Feedthrough Error
This is an ac error due to capacitive feedthrough from either of
the VREF terminals to VOUT when the DAC is loaded with all 0s.
Digital Feedthrough
When the DAC is not selected (SYNC is held high), high
frequency logic activity on the digital inputs is capacitively
coupled through the device to show up as noise on the VOUT pin.
This noise is digital feedthrough.


유사한 부품 번호 - AD7849CNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7849CNZ AD-AD7849CNZ Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

유사한 설명 - AD7849CNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com