전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7872 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7872
상세설명  LC MOS Complete 14-Bit, Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7872 데이터시트(HTML) 5 Page - Analog Devices

  AD7872_15 Datasheet HTML 1Page - Analog Devices AD7872_15 Datasheet HTML 2Page - Analog Devices AD7872_15 Datasheet HTML 3Page - Analog Devices AD7872_15 Datasheet HTML 4Page - Analog Devices AD7872_15 Datasheet HTML 5Page - Analog Devices AD7872_15 Datasheet HTML 6Page - Analog Devices AD7872_15 Datasheet HTML 7Page - Analog Devices AD7872_15 Datasheet HTML 8Page - Analog Devices AD7872_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7871/AD7872
–5–
REV. D
AD7872 PIN FUNCTION DESCRIPTION
DIP
No.
Mnemonic
Function
1
CONTROL
Control Input. With this pin at 0 V, the SCLK is noncontinuous; with this pin at –5 V, the SCLK
is continuous.
2
CONVST
Convert Start. A low to high transition on this input puts the track/hold into the hold mode. This
input is asynchronous to the CLK.
3
CLK
Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying
this pin to VSS, enables the internal laser-trimmed oscillator.
4
SSTRB
This is an active low three-state output that provides a framing pulse for serial data. An external
4.7 k
Ω pull-up resistor is required on SSTRB.
5
SCLK
Serial Clock. SCLK is the gated serial clock output derived from the internal or external ADC
clock. If the 14/
8/CLK input is at –5 V, then the SCLK runs continuously. With CONTROL
at 0 V, it is gated off (three-state) after serial transmission is complete. SCLK is an open-drain
output and requires an external 2 k
Ω pull-up resistor.
6
SDATA
Serial Data. This is the three-state serial data output used in conjunction with SCLK and
SSTRB in
serial data transmission. Serial data is valid on the falling edge of SCLK, when
SSTRB is low. An
external 4.7 k
Ω pull-up resistor is required on SDATA.
7
NC
No Connect.
8
DGND
Digital Ground. Ground return for digital circuitry.
9VDD
Positive Supply for analog circuitry, +5 V
± 5%.
10
NC
No Connect.
11
CREF
Decoupling point for on-chip reference. Connect 10 nF capacitor between this pin and AGND.
12
AGND
Analog Ground. Ground reference for analog circuitry.
13
REF OUT
Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load
capability is 500
µA.
14
VIN
Analog Input. The input range is
±3 V.
15
VSS
Negative Supply, –5 V
± 5%.
16
VDD
Positive Supply for analog circuitry, +5 V
± 5%. Pin 16 and Pin 9 should be connected together.
PIN CONFIGURATIONS
DIP
DIP, SOIC
PLCC


유사한 부품 번호 - AD7872_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7872AN AD-AD7872AN Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872AN AD-AD7872AN Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872BR AD-AD7872BR Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872BR AD-AD7872BR Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JN AD-AD7872JN Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results

유사한 설명 - AD7872_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
AD7885 AD-AD7885_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com