전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7887 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7887
상세설명  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7887 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7887_15 Datasheet HTML 2Page - Analog Devices AD7887_15 Datasheet HTML 3Page - Analog Devices AD7887_15 Datasheet HTML 4Page - Analog Devices AD7887_15 Datasheet HTML 5Page - Analog Devices AD7887_15 Datasheet HTML 6Page - Analog Devices AD7887_15 Datasheet HTML 7Page - Analog Devices AD7887_15 Datasheet HTML 8Page - Analog Devices AD7887_15 Datasheet HTML 9Page - Analog Devices AD7887_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7887
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +7 V
Analog Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to AGND
−0.3 V to VDD + 0.3 V
REFIN/REFOUT to AGND
−0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial Temperature Range
A, B Versions
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
SOIC or MSOP Package Power Dissipation
450 mW
θJA Thermal Impedance
157°C/W (SOIC)
205.9°C/W (MSOP)
θJC Thermal Impedance
56°C/W (SOIC)
43.74°C/W (MSOP)
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Pb-Free Temperature, Soldering Reflow
260(0)°C
ESD
4 kV
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Rev. E | Page 6 of 24


유사한 부품 번호 - AD7887_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

유사한 설명 - AD7887_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com