전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FK18C0G2E271J 데이터시트(PDF) 4 Page - TDK Electronics

부품명 FK18C0G2E271J
상세설명  MLCC with Dipped Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

FK18C0G2E271J 데이터시트(HTML) 4 Page - TDK Electronics

  FK18C0G2E271J Datasheet HTML 1Page - TDK Electronics FK18C0G2E271J Datasheet HTML 2Page - TDK Electronics FK18C0G2E271J Datasheet HTML 3Page - TDK Electronics FK18C0G2E271J Datasheet HTML 4Page - TDK Electronics FK18C0G2E271J Datasheet HTML 5Page - TDK Electronics FK18C0G2E271J Datasheet HTML 6Page - TDK Electronics FK18C0G2E271J Datasheet HTML 7Page - TDK Electronics FK18C0G2E271J Datasheet HTML 8Page - TDK Electronics FK18C0G2E271J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(3/10)
003-01 / 20130312 / leadmlcc_commercial_midvoltage_en.fm
• All specifications are subject to change without notice.
FK24 AND FK14 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 100 to 250V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK24 type
FK14 type
C0G
1000pF
±5%
100
FK24C0G2A102J
FK14C0G2A102J
C0G
1200pF
±5%
100
FK24C0G2A122J
FK14C0G2A122J
C0G
1500pF
±5%
100
FK24C0G2A152J
FK14C0G2A152J
C0G
1800pF
±5%
100
FK24C0G2A182J
FK14C0G2A182J
C0G
2200pF
±5%
100
FK24C0G2A222J
FK14C0G2A222J
C0G
2700pF
±5%
100
FK24C0G2A272J
FK14C0G2A272J
C0G
3300pF
±5%
100
FK24C0G2A332J
FK14C0G2A332J
C0G
3900pF
±5%
100
FK24C0G2A392J
FK14C0G2A392J
C0G
4700pF
±5%
100
FK24C0G2A472J
FK14C0G2A472J
C0G
820pF
±5%
250
FK24C0G2E821J
FK14C0G2E821J
C0G
1000pF
±5%
250
FK24C0G2E102J
FK14C0G2E102J
C0G
1200pF
±5%
250
FK24C0G2E122J
FK14C0G2E122J
C0G
1500pF
±5%
250
FK24C0G2E152J
FK14C0G2E152J
C0G
1800pF
±5%
250
FK24C0G2E182J
FK14C0G2E182J
C0G
2200pF
±5%
250
FK24C0G2E222J
FK14C0G2E222J
C0G
2700pF
±5%
250
FK24C0G2E272J
FK14C0G2E272J
4.5max.
5.0
±1.0
2.5max.
2.5max.
Dimensions in mm
FK24
FK14
2.5
±0.8
4.5max.
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


유사한 부품 번호 - FK18C0G2E271J

제조업체부품명데이터시트상세설명
logo
TDK Electronics
FK18C0G2E271J TDK-FK18C0G2E271J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK18C0G2E271J TDK-FK18C0G2E271J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2E271J TDK-FK18C0G2E271J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2E271J TDK-FK18C0G2E271J Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
More results

유사한 설명 - FK18C0G2E271J

제조업체부품명데이터시트상세설명
logo
TDK Electronics
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A1R5CNU06 TDK-FA18C0G2A1R5CNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A6R8DNU06 TDK-FA18C0G2A6R8DNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A122JNU06 TDK-FA18C0G2A122JNU06 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A181JNU00 TDK-FA18C0G2A181JNU00 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A221JNU00 TDK-FA18C0G2A221JNU00 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com