전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4095BMS 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 CD4095BMS
상세설명  CMOS Gated J-K Master-Slave Flip-Flops
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4095BMS 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button CD4095BMS Datasheet HTML 2Page - Intersil Corporation CD4095BMS Datasheet HTML 3Page - Intersil Corporation CD4095BMS Datasheet HTML 4Page - Intersil Corporation CD4095BMS Datasheet HTML 5Page - Intersil Corporation CD4095BMS Datasheet HTML 6Page - Intersil Corporation CD4095BMS Datasheet HTML 7Page - Intersil Corporation CD4095BMS Datasheet HTML 8Page - Intersil Corporation CD4095BMS Datasheet HTML 9Page - Intersil Corporation CD4095BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7-1102
CD4095BMS, CD4096BMS
Typical Performance Characteristics
FIGURE 7. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 8. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 9. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 10. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 11. TYPICAL PROPAGATION DELAY TIME vs LOAD
CAPACITANCE
FIGURE 12. TYPICAL TRANSITION TIME vs LOAD
CAPACITANCE
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
LOAD CAPACITANCE (CL) (pF)
0
50
SUPPLY VOLTAGE (VDD) = 5V
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
100
150
200
250
300
25
50
75
100
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V


유사한 부품 번호 - CD4095BMS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4093 TI-CD4093 Datasheet
574Kb / 12P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Fairchild Semiconductor
CD4093 FAIRCHILD-CD4093 Datasheet
89Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
Texas Instruments
CD4093B TI-CD4093B Datasheet
574Kb / 12P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093B TI1-CD4093B Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
logo
Silicon Supplies
CD4093B SS-CD4093B Datasheet
693Kb / 6P
   CMOS High Voltage Logic
More results

유사한 설명 - CD4095BMS

제조업체부품명데이터시트상세설명
logo
Micro Electronics
MMC4095 MICRO-ELECTRONICS-MMC4095 Datasheet
153Kb / 5P
   GATED J-K MASTER SLAVE FLIP FLOPS
logo
STMicroelectronics
HCC4095B STMICROELECTRONICS-HCC4095B Datasheet
295Kb / 13P
   GATE J-K MASTER-SLAVE FLIP-FLOPS
logo
Texas Instruments
SN54110 TI-SN54110 Datasheet
169Kb / 3P
[Old version datasheet]   AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH DATA LOCKOUT
SN5472 TI-SN5472 Datasheet
124Kb / 4P
[Old version datasheet]   AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
SN5472 TI1-SN5472_14 Datasheet
326Kb / 9P
[Old version datasheet]   AND-GATED J-K MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
logo
IK Semicon Co., Ltd
IN7472 IKSEMICON-IN7472 Datasheet
244Kb / 5P
   AND-Gated J-K Master-Slave Flip- Flops with Reset and Clear
logo
Integral Corp.
IN7472 INTEGRAL-IN7472 Datasheet
242Kb / 5P
   AND-Gated J-K Master-Slave Flip-Flops with Reset and Clear
logo
KODENSHI_AUK CORP.
KK7472 KODENSHI-KK7472 Datasheet
259Kb / 5P
   AND-Gated J-K Master-Slave Flip- Flops with Reset and Clear
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com