전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4098 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 CD4098
상세설명  CMOS Dual Monostable Multivibrator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4098 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button CD4098 Datasheet HTML 3Page - Intersil Corporation CD4098 Datasheet HTML 4Page - Intersil Corporation CD4098 Datasheet HTML 5Page - Intersil Corporation CD4098 Datasheet HTML 6Page - Intersil Corporation CD4098 Datasheet HTML 7Page - Intersil Corporation CD4098 Datasheet HTML 8Page - Intersil Corporation CD4098 Datasheet HTML 9Page - Intersil Corporation CD4098 Datasheet HTML 10Page - Intersil Corporation CD4098 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
7-492
CD4098BMS
FIGURE 13. ASTABLE MULTIVIBRATOR WITH RESTART AFTER RESET CAPABILITY
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
Applications (Continued)
IDD, TX vs RX
RX
IDD
(AVG.)
TX
(T1 + T2)
VDD
10k
10M
1mA
0.05mA
3.8
µs
0.5s
5V
2.5mA
0.5mA
3.2
µs
0.5s
10V
5mA
1mA
3
µs
0.5s
10V
NOTES:
1. All values are typical.
2. CX range: 0.0001
µF to 0.1µF
MONO 1
4
5
3
+TR
VDD
RX1
12
6
CX1
MONO 2
11
12
13
-TR
R
RX2
15
14
9
Q2
CX2
VSS
VDD
OUTPUT
IDD
VDD
SUPPLY
Q2
R
8
VSS
Q1
Q1
VDD
VSS
RESET
TO ENSURE RESTART, APPLY RESET
(NEGATIVE PULSE) AFTER VDD
SUPPLY VOLTAGE HAS REACHED
ITS VDD LEVEL
*
VDD
0
Q2
IDD
T2
T2
T1
VDD
SUPPLY
RESET
*
10
TX
RUN


유사한 부품 번호 - CD4098

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4098 TI-CD4098 Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
CD4098B TI-CD4098B Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
CD4098B TI1-CD4098B Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098B-MIL TI1-CD4098B-MIL Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098BE TI-CD4098BE Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
More results

유사한 설명 - CD4098

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
CD4098BMS RENESAS-CD4098BMS Datasheet
410Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Texas Instruments
CD4098B TI1-CD4098B_15 Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538 TI-CD14538 Datasheet
638Kb / 14P
[Old version datasheet]   CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
CD14538B TI-CD14538B Datasheet
341Kb / 8P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com