전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4515BMS 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 CD4515BMS
상세설명  CMOS 4-Bit Latch/4-to-16 Line Decoders
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4515BMS 데이터시트(HTML) 9 Page - Intersil Corporation

  CD4515BMS Datasheet HTML 1Page - Intersil Corporation CD4515BMS Datasheet HTML 2Page - Intersil Corporation CD4515BMS Datasheet HTML 3Page - Intersil Corporation CD4515BMS Datasheet HTML 4Page - Intersil Corporation CD4515BMS Datasheet HTML 5Page - Intersil Corporation CD4515BMS Datasheet HTML 6Page - Intersil Corporation CD4515BMS Datasheet HTML 7Page - Intersil Corporation CD4515BMS Datasheet HTML 8Page - Intersil Corporation CD4515BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1196
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
CD4514BMS, CD4515BMS
Chip Dimensions and Pad Layouts
Dimensions in parentheses are in milimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch.)
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
74
70
60
50
40
30
20
10
0
010
20
30
40
50
60
70
80
71-79
(1.804-2.006)
109-117
(2.769-2.971)
4-10
(0.102-0.254)
90
100 110
112


유사한 부품 번호 - CD4515BMS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4515BM TI-CD4515BM Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
CD4515BM NSC-CD4515BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Texas Instruments
CD4515BM TI1-CD4515BM Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4515BM TI-CD4515BM Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4515BM TI1-CD4515BM Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
More results

유사한 설명 - CD4515BMS

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
List of Unclassifed Man...
SCL4515B ETC1-SCL4515B Datasheet
2Mb / 3P
   CMOS 4-TO-16 LINE DECODERS WITH LATCH
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com