전자부품 데이터시트 검색엔진 |
|
AD7939 데이터시트(PDF) 5 Page - Analog Devices |
|
AD7939 데이터시트(HTML) 5 Page - Analog Devices |
5 / 36 page Data Sheet AD7938/AD7939 Rev. C | Page 5 of 36 AD7939 SPECIFICATIONS VDD = VDRIVE = 2.7 V to 5.25 V, internal/external VREF = 2.5 V, unless otherwise noted, fCLKIN = 25.5 MHz, fSAMPLE= 1.5 MSPS; TA = TMIN to TMAX, unless otherwise noted. Table 3. Parameter Value1 Unit Test Conditions/Comments DYNAMIC PERFORMANCE fIN = 50 kHz sine wave Signal-to-Noise and Distortion (SINAD)2 61 dB min Differential mode 60 dB min Single-ended mode Total Harmonic Distortion (THD)2 −70 dB max Peak Harmonic or Spurious Noise (SFDR)2 −72 dB max Intermodulation Distortion (IMD)2 fa = 30 kHz, fb = 50 kHz Second-Order Terms −86 dB typ Third-Order Terms −90 dB typ Channel-to-Channel Isolation −75 dB typ fIN = 50 kHz, fNOISe = 300 kHz Aperture Delay2 5 ns typ Aperture Jitter2 72 ps typ Full Power Bandwidth2 50 MHz typ @ 3 dB 10 MHz typ @ 0.1 dB DC ACCURACY Resolution 10 Bits Integral Nonlinearity2 ±0.5 LSB max Differential Nonlinearity2 ±0.5 LSB max Guaranteed no missed codes to 10 bits Single-Ended and Pseudo Differential Input Straight binary output coding Offset Error2 ±2 LSB max Offset Error Match2 ±0.5 LSB max Gain Error2 ±1.5 LSB max Gain Error Match2 ±0.5 LSB max Fully Differential Input Twos complement output coding Positive Gain Error2 ±1.5 LSB max Positive Gain Error Match2 ±0.5 LSB max Zero-Code Error2 ±2 LSB max Zero-Code Error Match2 ±0.5 LSB max Negative Gain Error2 ±1.5 LSB max Negative Gain Error Match2 ±0.5 LSB max ANALOG INPUT Single-Ended Input Range 0 to VREF V RANGE bit = 0 0 to 2 × VREF V RANGE bit = 1 Pseudo Differential Input Range VIN+ 0 to VREF V RANGE bit = 0 0 to 2 × VREF V RANGE bit =1 VIN− −0.3 to +0.7 V typ VDD = 3 V −0.3 to +1.8 V typ VDD = 5 V Fully Differential Input Range VIN+ and VIN− VCM ± VREF/2 V VCM = common-mode voltage3 = VREF/2 VIN+ and VIN− VCM ± VREF V VCM = VREF, VIN+ or VIN− must remain within GND/VDD DC Leakage Current4 ±1 µA max Input Capacitance 45 pF typ When in track 10 pF typ When in hold |
유사한 부품 번호 - AD7939_15 |
|
유사한 설명 - AD7939_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |