전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7939 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7939
상세설명  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7939 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7939_15 Datasheet HTML 4Page - Analog Devices AD7939_15 Datasheet HTML 5Page - Analog Devices AD7939_15 Datasheet HTML 6Page - Analog Devices AD7939_15 Datasheet HTML 7Page - Analog Devices AD7939_15 Datasheet HTML 8Page - Analog Devices AD7939_15 Datasheet HTML 9Page - Analog Devices AD7939_15 Datasheet HTML 10Page - Analog Devices AD7939_15 Datasheet HTML 11Page - Analog Devices AD7939_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD7938/AD7939
Data Sheet
Rev. C | Page 8 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to AGND/DGND
−0.3 V to +7 V
VDRIVE to AGND/DGND
−0.3 V to VDD + 0.3 V
Analog Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to +7 V
VDRIVE to VDD
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
VREFIN to AGND
−0.3 V to VDD + 0.3 V
AGND to DGND
−0.3 V to +0.3 V
Input Current to Any Pin
Except Supplies1
±10 mA
Operating Temperature Range
Commercial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
108.2°C/W (LFCSP)
121°C/W (TQFP)
θJC Thermal Impedance
32.71°C/W (LFCSP)
45°C/W (TQFP)
Lead Temperature, Soldering
Reflow Temperature (10 sec to 30 sec)
255°C
ESD
1.5 kV
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


유사한 부품 번호 - AD7939_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7939BCP AD-AD7939BCP Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7939BCPZ AD-AD7939BCPZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939BCPZ AD-AD7939BCPZ Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7939BCPZ-REEL7 AD-AD7939BCPZ-REEL7 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939BCPZ-REEL7 AD-AD7939BCPZ-REEL7 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
More results

유사한 설명 - AD7939_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com