전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7998 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7998
상세설명  8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7998 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7998_15 Datasheet HTML 3Page - Analog Devices AD7998_15 Datasheet HTML 4Page - Analog Devices AD7998_15 Datasheet HTML 5Page - Analog Devices AD7998_15 Datasheet HTML 6Page - Analog Devices AD7998_15 Datasheet HTML 7Page - Analog Devices AD7998_15 Datasheet HTML 8Page - Analog Devices AD7998_15 Datasheet HTML 9Page - Analog Devices AD7998_15 Datasheet HTML 10Page - Analog Devices AD7998_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 7 of 32
I2C TIMING SPECIFICATIONS
Guaranteed by initial characterization. All values measured with input filtering enabled. CB refers to capacitive load on the bus line. tr and
tf measured between 0.3 VDD and 0.7 VDD.
High speed mode timing specifications apply to the AD7997-1/AD7998-1 only. Standard and fast mode timing specifications apply to
both the AD7997-0/AD7998-0 and the AD7997-1/AD7998-1. See Figure 2. Unless otherwise noted, VDD = 2.7 V to 5.5 V; REFIN = 2.5 V;
TA =TMIN to TMAX.
Table 3.
AD7997/AD7998 Limit at TMIN, TMAX
Parameter
Conditions
Min
Max
Unit
Description
fSCL
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
High speed mode
CB = 100 pF max
3.4
MHz
CB = 400 pF max
1.7
MHz
t1
Standard mode
4
µs
tHIGH, SCL high time
Fast mode
0.6
µs
High speed mode
CB = 100 pF max
60
ns
CB = 400 pF max
120
ns
t2
Standard mode
4.7
µs
tLOW, SCL low time
Fast mode
1.3
µs
High speed mode
CB = 100 pF max
160
ns
CB = 400 pF max
320
ns
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
High speed mode
10
ns
t41
Standard mode
0
3.45
µs
tHD;DAT, data hold time
Fast mode
0
0.9
µs
High speed mode
CB = 100 pF max
0
702
ns
CB = 400 pF max
0
150
ns
t5
Standard mode
4.7
µs
tSU;STA, setup time for a repeated start condition
Fast mode
0.6
µs
High speed mode
160
ns
t6
Standard mode
4
µs
tHD;STA, hold time (repeated) start condition
Fast mode
0.6
µs
High speed mode
160
ns
t7
Standard mode
4.7
µs
tBUF, bus free time between a stop and a start condition
Fast mode
1.3
µs
t8
Standard mode
4
µs
tSU;STO, setup time for stop condition
Fast mode
0.6
µs
High speed mode
160
ns
t9
Standard mode
1000
ns
tRDA, rise time of SDA signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF max
10
80
ns
CB = 400 pF max
20
160
ns


유사한 부품 번호 - AD7998_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7998BRU-0 AD-AD7998BRU-0 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-0REEL AD-AD7998BRU-0REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-1 AD-AD7998BRU-1 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRU-1REEL AD-AD7998BRU-1REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7998BRUZ-03 AD-AD7998BRUZ-03 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
More results

유사한 설명 - AD7998_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com