전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8000 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8000
상세설명  1.5 GHz Ultrahigh Speed Op Amp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8000 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8000_15 Datasheet HTML 7Page - Analog Devices AD8000_15 Datasheet HTML 8Page - Analog Devices AD8000_15 Datasheet HTML 9Page - Analog Devices AD8000_15 Datasheet HTML 10Page - Analog Devices AD8000_15 Datasheet HTML 11Page - Analog Devices AD8000_15 Datasheet HTML 12Page - Analog Devices AD8000_15 Datasheet HTML 13Page - Analog Devices AD8000_15 Datasheet HTML 14Page - Analog Devices AD8000_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD8000
Data Sheet
Rev. B | Page 10 of 20
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
1
10
100
SECOND HD
THIRD HD
VS = ±5V
VOUT = 2V p-p
G = –1
RL = 1kΩ
LFCSP
Figure 29. Harmonic Distortion vs. Frequency
0.01
0.1
1
10
100
1k
FREQUENCY (MHz)
1
0.1
10
100
1000
VS = ±5V
VIN = 0.2V p-p
RF = 432Ω
LFCSP
G = +1
OR G = +2
Figure 30. Output Impedance vs. Frequency
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
G = +2
G = +1
VS = 5V
RF = 432Ω
RS = 0Ω
RL = 100Ω
Figure 31. Small Signal Transient Response
FREQUENCY (MHz)
1
0.1
10
100
–75
–70
–60
–40
–30
–20
–15
–10
–50
–65
–45
–35
–25
–55
VS = ±5V
VIN = 2V p-p
RL = 100Ω
G = +1
RF = 432Ω
–PSRR
+PSRR
Figure 32. Power Supply Rejection Ratio (PSRR) vs. Frequency
FREQUENCY (MHz)
1
0.1
10
100
1000
–60
–40
–30
–50
–65
–45
–35
–25
–55
VS = ±5V
VIN = 1V p-p
RL = 100Ω
LFCSP
Figure 33. Common-Mode Rejection Ratio vs. Frequency
–0.150
–0.125
–0.075
0.025
0.075
0.125
0.150
0.175
–0.025
–0.100
0
0.050
0.100
–0.050
TIME (ns)
–0.175
0
5
10
15
20
25
30
35
40
45
50
G = +1
G = +2
VS = ±5V
RF = 432Ω
RS = 0Ω
RL = 100Ω
Figure 34. Small Signal Transient Response


유사한 부품 번호 - AD8000_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8000YCPZ-R2 AD-AD8000YCPZ-R2 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8000YCPZ-REEL AD-AD8000YCPZ-REEL Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8000YCPZ-REEL7 AD-AD8000YCPZ-REEL7 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8000YRDZ AD-AD8000YRDZ Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8000YRDZ-REEL AD-AD8000YRDZ-REEL Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
More results

유사한 설명 - AD8000_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8000 AD-AD8000 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003 AD-AD8003 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
   Triple, 1.5 GHz Op Amp
REV. C
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com