전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8017 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8017
상세설명  Dual High Output Current, High Speed Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8017 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8017_15 Datasheet HTML 2Page - Analog Devices AD8017_15 Datasheet HTML 3Page - Analog Devices AD8017_15 Datasheet HTML 4Page - Analog Devices AD8017_15 Datasheet HTML 5Page - Analog Devices AD8017_15 Datasheet HTML 6Page - Analog Devices AD8017_15 Datasheet HTML 7Page - Analog Devices AD8017_15 Datasheet HTML 8Page - Analog Devices AD8017_15 Datasheet HTML 9Page - Analog Devices AD8017_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD8017
–5–
REV. C
Typical Performance Characteristics–
OUTPUT = 100mV
INPUT = 50mV
200ns/DIV
TPC 1. 100 mV Step Response; G = +2, VS =
±2.5 V
or
±6 V, RL = 100 Ω
OUTPUT = 4V
INPUT = 2V
200ns/DIV
TPC 2. 4 V Step Response; G = +2, VS =
±6 V,
RL = 100
OUTPUT = 100mV
INPUT = 100mV
200ns/DIV
TPC 3. 100 mV Step Response; G = –1, VS =
±2.5 V
or
±6 V, RL = 100 Ω
OUTPUT = 4V
INPUT = 4V
200ns/DIV
TPC 4. 4 V Step Response; G = –1, VS =
±6 V,
RL = 100


유사한 부품 번호 - AD8017_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8017AR AD-AD8017AR Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017AR AD-AD8017AR Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR AD-AD8017AR Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR AD-AD8017AR Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017AR-EVAL AD-AD8017AR-EVAL Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
More results

유사한 설명 - AD8017_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com