전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8037 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8037
상세설명  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8037 데이터시트(HTML) 5 Page - Analog Devices

  AD8037_15 Datasheet HTML 1Page - Analog Devices AD8037_15 Datasheet HTML 2Page - Analog Devices AD8037_15 Datasheet HTML 3Page - Analog Devices AD8037_15 Datasheet HTML 4Page - Analog Devices AD8037_15 Datasheet HTML 5Page - Analog Devices AD8037_15 Datasheet HTML 6Page - Analog Devices AD8037_15 Datasheet HTML 7Page - Analog Devices AD8037_15 Datasheet HTML 8Page - Analog Devices AD8037_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. B
–4–
AD8036/AD8037
+VS
RL = 100
–VS
49.9
VIN
RF
130
VOUT
0.1 F
10 F
AD8036
0.1 F
10 F
PULSE
GENERATOR
TR/TF = 350ps
TPC 1. Noninverting Configuration, G = +1
TPC 2. Large Signal Transient Response; VO = 4 V
p-p, G = +1, RF = 140
TPC 3. Small Signal Transient Response; VO = 400 mV p-p,
G = +1, RF = 140
AD8036–Typical Characteristics
+VS
RL = 100
–VS
49.9
VIN
RF
130
VOUT
0.1 F
10 F
AD8036
0.1 F
10 F
PULSE
GENERATOR
TR/TF = 350ps
+VH
VL
0.1 F
0.1 F
TPC 4. Noninverting Clamp Configuration, G = +1
TPC 5. Clamped Large Signal Transient Response (2
×
Overdrive); VO = 2 V p-p, G = +1, RF = 140
Ω, VH = +1 V,
VL = –1 V
TPC 6. Clamped Small Signal Transient Response
(2
× Overdrive); VO = 400 mV p-p, G = +1, RF = 140 Ω,
VH = +0.2 V, VL = –0.2 V


유사한 부품 번호 - AD8037_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8037-EB AD-AD8037-EB Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037-EB AD-AD8037-EB Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037-EB AD-AD8037-EB Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037-EB AD-AD8037-EB Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037ACHIPS AD-AD8037ACHIPS Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
More results

유사한 설명 - AD8037_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037ARZ AD-AD8037ARZ Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036ARZ AD-AD8036ARZ Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com