전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8062 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD8062
상세설명  Low Cost, 300 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8062 데이터시트(HTML) 2 Page - Analog Devices

  AD8062_15 Datasheet HTML 1Page - Analog Devices AD8062_15 Datasheet HTML 2Page - Analog Devices AD8062_15 Datasheet HTML 3Page - Analog Devices AD8062_15 Datasheet HTML 4Page - Analog Devices AD8062_15 Datasheet HTML 5Page - Analog Devices AD8062_15 Datasheet HTML 6Page - Analog Devices AD8062_15 Datasheet HTML 7Page - Analog Devices AD8062_15 Datasheet HTML 8Page - Analog Devices AD8062_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8061/AD8062/AD8063
Data Sheet
Rev. J | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Circuit Description......................................................................... 14
Headroom Considerations........................................................ 14
Overload Behavior and Recovery ............................................ 15
Capacitive Load Drive ............................................................... 16
Disable Operation ...................................................................... 16
Board Layout Considerations................................................... 16
Applications Information .............................................................. 17
Single-Supply Sync Stripper...................................................... 17
RGB Amplifier............................................................................ 17
Multiplexer .................................................................................. 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 20
REVISION HISTORY
5/13—Rev. I to Rev. J
Added Output Voltage Swing Parameters; Table 1 ...................... 3
Added Output Voltage Swing Parameters; Table 2 ...................... 4
Added Output Voltage Swing Parameters; Table 3 ...................... 5
Changes to Ordering Guide .......................................................... 20
5/13—Rev. H to Rev. I
Changes to Figure 15........................................................................ 8
Changes to Ordering Guide .......................................................... 20
1/13—Rev. G to Rev. H
Changes to Figure 12........................................................................ 7
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide .......................................................... 20
2/10—Rev. F to Rev. G
Changes to Table 4............................................................................ 6
11/09—Rev. E to Rev. F
Changed Input Common-Mode Voltage Range Parameter........ 4
Updated Outline Dimensions....................................................... 19
10/07—Rev. D to Rev. E
Changes to Applications .................................................................. 1
Updated Outline Dimensions....................................................... 19
12/05—Rev. C to Rev. D
Updated Format..................................................................Universal
Change to Features and General Description............................... 1
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide .......................................................... 20
5/01—Rev. B to Rev. C
Replaced TPC 9 with new graph .................................................... 7
11/00—Rev. A to Rev. B
2/00—Rev. 0 to Rev. A
11/99—Revision 0: Initial Version


유사한 부품 번호 - AD8062_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8062-EB AD-AD8062-EB Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8062AR AD-AD8062AR Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8062AR AD-AD8062AR Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8062AR AD-AD8062AR Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8062AR-REEL AD-AD8062AR-REEL Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
More results

유사한 설명 - AD8062_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com