전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1049-O 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KTA1049-O
상세설명  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1049-O 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1049-O Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTA1049-O Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIP Type
www.kexin.com.cn
1
Transistors
PNP Transistors
KTA1049
Features
Low collector saturation voltage
Complementary to KTC2028
0.70 ±0.20
±0.20
2.54typ
0.80 ±0.20
1.47max
2.54 ±0.20
±0.20
0.50 ±0.20
2.76 ±0.20
2.54typ
φ3.
18
±0
.20
Unit: mm
TO-220F
3. Emitter
1. Base
2. Collector
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-100
Collector - Emitter Voltage
VCEO
-100
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-5
Base Current
IB
-0.5
Collector Power Dissipation
Tc = 25℃
PC
30
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -10 mA, IE=0
-100
Collector- emitter breakdown voltage
VCEO
Ic= -50 mA,IB=0
-100
Emitter - base breakdown voltage
VEBO
IE= -10 mA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -100V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-0.1
Collector-emitter saturation voltage
VCE(sat) IC=-4 A, IB=-400mA
-2
Base - emitter saturation voltage
VBE(sat) IC=-4 A, IB=-400mA
-1.2
Base - emitter voltage
VBE
VCE= -5V, IC= -4 A
-1.5
hFE(1)
VCE= -5V, IC= -1 A
70
240
hFE(2)
VCE= -5V, IC= -4 A
20
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
270
pF
Transition frequency
fT
VCE= -5V, IC= -1 A
30
MHz
DC current gain
V
uA
V
Classification of hfe(1)
Type
KTA1049-O
KTA1049-Y
Range
70-140
120-240


유사한 부품 번호 - KTA1049-O

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1049 KEC-KTA1049 Datasheet
330Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1049 KEC-KTA1049 Datasheet
49Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1049 KEC-KTA1049 Datasheet
61Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1049 KEC-KTA1049_08 Datasheet
49Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

유사한 설명 - KTA1049-O

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com