전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1504S 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KTA1504S
상세설명  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1504S 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1504S_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTA1504S_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
KTA1504S
Typical Characterisitics
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc
-
Ta
30
-0.1
COLLECTOR CURRENT I
(mA)
C
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
-0.1
-10
-0.3
0
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
-1
-2
-3
-4
-5
-6
-7
-40
-80
-120
-160
-200
-240
COMMON EMITTER
Ta=25
C
-2.0
-1.5
-1.0
-0.5
I
=-0.2mA
0
B
FE
C
-0.3
-1
-3
-10
-30
-100
-300
50
100
300
500
1k
3k
3k
1k
500
300
100
50
-300
-100
-30
-10
-3
-1
-0.3
C
T
f
- I
C
COLLECTOR CURRENT I
(mA)
-0.1
30
COMMON
EMITTER
Ta=100
C
Ta=25
C
Ta=-25
C
CE(sat)
C
-0.3
-1
-3
-10
-30
-100
-300
-30
-50
-100
-300
-500
-1k
COMMON EMITTER
I /I =10
C B
Ta=100
C
Ta=25
C
Ta=-25
C
COMMON EMITTER
V
=-10V
Ta=25 C
CE
B
BE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-3
-10
-30
-100
-300
-1k
COMMON EMITTER
V
=-6V
CE
25
50
75
100
125
150
175
50
100
150
200


유사한 부품 번호 - KTA1504S_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KTA1504S-Y KEXIN-KTA1504S-Y Datasheet
47Kb / 1P
   Epitaxial Planar PNP Transistor
More results

유사한 설명 - KTA1504S_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com