전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8106 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8106
상세설명  Video Crosspoint Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8106 데이터시트(HTML) 4 Page - Analog Devices

  AD8106_15 Datasheet HTML 1Page - Analog Devices AD8106_15 Datasheet HTML 2Page - Analog Devices AD8106_15 Datasheet HTML 3Page - Analog Devices AD8106_15 Datasheet HTML 4Page - Analog Devices AD8106_15 Datasheet HTML 5Page - Analog Devices AD8106_15 Datasheet HTML 6Page - Analog Devices AD8106_15 Datasheet HTML 7Page - Analog Devices AD8106_15 Datasheet HTML 8Page - Analog Devices AD8106_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
Reference
POWER SUPPLIES
Supply Current
AVCC, outputs enabled, no load
30
mA
AVCC, outputs disabled
15
mA
AVEE, outputs enabled, no load
30
mA
AVEE, outputs disabled
15
mA
DVCC
11
mA
Supply Voltage Range
±4.5 to ±5.5
V
PSRR
f = 100 kHz
75/78
dB
Figure 22, Figure 28
f = 1 MHz
−55/−58
dB
OPERATING TEMPERATURE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
48
°C/W


유사한 부품 번호 - AD8106_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
More results

유사한 설명 - AD8106_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
logo
Analog Devices
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com