전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8110 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8110
상세설명  260 MHz, 16 8 Buffered Video Crosspoint Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8110 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8110_15 Datasheet HTML 7Page - Analog Devices AD8110_15 Datasheet HTML 8Page - Analog Devices AD8110_15 Datasheet HTML 9Page - Analog Devices AD8110_15 Datasheet HTML 10Page - Analog Devices AD8110_15 Datasheet HTML 11Page - Analog Devices AD8110_15 Datasheet HTML 12Page - Analog Devices AD8110_15 Datasheet HTML 13Page - Analog Devices AD8110_15 Datasheet HTML 14Page - Analog Devices AD8110_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
REV. A
AD8110/AD8111
–10–
FREQUENCY – Hz
–2
1
0
–1
–3
100k
1M
1G
10M
100M
0.4
0.2
0
–0.2
–0.4
2
3
0.6
GAIN
FLATNESS
–0.6
0.8
200mV p-p
2V p-p
–0.8
4
5
TPC 7. AD8111 Frequency Response
FREQUENCY – MHz
–20
–30
–90
0.3
1
200
10
100
–40
–50
–60
–70
–80
–100
–110
RL = 1k
ADJACENT
ALL HOSTILE
TPC 8. AD8111 Crosstalk vs. Frequency
FREQUENCY
Hz
30
40
100
100k
1M
100M
10M
50
60
70
80
90
2ND HARMONIC
3RD HARMONIC
RL = 150
VOUT = 2V p-p
TPC 9. AD8111 Distortion vs. Frequency
50
25
0
25
50
25ns/DIV
TPC 10. AD8111 Step Response, 100 mV Step
1
0.5
0
0.5
1
25ns/DIV
TPC 11. AD8111 Step Response, 2 V Step
2V STEP RTO
RL = 150
0
10
2030
40
50607080
10ns/DIV
TPC 12. AD8111 Settling Time


유사한 부품 번호 - AD8110_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
More results

유사한 설명 - AD8110_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com