전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8151 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8151
상세설명  Digital Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8151 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8151_15 Datasheet HTML 7Page - Analog Devices AD8151_15 Datasheet HTML 8Page - Analog Devices AD8151_15 Datasheet HTML 9Page - Analog Devices AD8151_15 Datasheet HTML 10Page - Analog Devices AD8151_15 Datasheet HTML 11Page - Analog Devices AD8151_15 Datasheet HTML 12Page - Analog Devices AD8151_15 Datasheet HTML 13Page - Analog Devices AD8151_15 Datasheet HTML 14Page - Analog Devices AD8151_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD8151
Rev. B | Page 11 of 40
1.4ns/DIV
p-p = 43ps
STD DEV = 8ps
Figure 17. Response, 2.5 Gbps,
32-Bit Pattern 1111 1111 0000 0000 0101 0101 0011 0011
2.5Gbps JITTER
3.2Gbps JITTER
100
90
80
70
60
50
40
30
20
10
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INPUT AMPLITUDE (V)
Figure 18. Jitter vs. Single-Ended Input Amplitude, PRBS 23
3.2Gbps
2.5Gbps
100
90
80
70
60
50
40
30
20
10
0
–1.6 –1.4 –1.2 –1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
VIH (V)
Figure 19. Jitter vs. VIH, PRBS 23
1.1ns/DIV
p-p = 43ps
STD DEV = 8ps
Figure 20. Response, 3.2 Gbps,
32-Bit Pattern 1111 1111 0000 0000 0101 0101 0011 0011
3.2Gbps
2.5Gbps
100
90
80
70
60
50
40
30
20
10
0
–5.0
–4.8
–4.6
–4.4
–4.2
–4.0
–3.8
–3.6
–3.4
–3.2
–3.0
VEE (V)
Figure 21. Jitter vs. Supply, PRBS 23
100
90
80
70
60
50
40
30
20
10
0
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
VOH (V)
3.2Gbps
2.5Gbps
Figure 22. Jitter vs. VOH, PRBS 23, Output Amplitude = 0.4 V Single-Ended


유사한 부품 번호 - AD8151_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8151-EVAL AD-AD8151-EVAL Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
AD8151AST AD-AD8151AST Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
More results

유사한 설명 - AD8151_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
TriQuint Semiconductor
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
logo
TriQuint Semiconductor
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
   1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
   1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com