전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8182 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8182
상세설명  10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8182 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8182_15 Datasheet HTML 4Page - Analog Devices AD8182_15 Datasheet HTML 5Page - Analog Devices AD8182_15 Datasheet HTML 6Page - Analog Devices AD8182_15 Datasheet HTML 7Page - Analog Devices AD8182_15 Datasheet HTML 8Page - Analog Devices AD8182_15 Datasheet HTML 9Page - Analog Devices AD8182_15 Datasheet HTML 10Page - Analog Devices AD8182_15 Datasheet HTML 11Page - Analog Devices AD8182_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8180/AD8182
–11–
REV. B
C1
ANALOG
DEVICES
AD8180/82
EVALUATION
BOARD
J1
IN0A
J10
SEL A
J2
IN1A
J3
IN1B
IN0B
J4
J9
J8
EN A
R10
R1
U1
R2
R3
SEL B
J5
J6
EN B
A
B
C2
R5
R9
R8
R4
Figure 28. Component Side Silkscreen
Figure 29. Board Layout (Component Side)
C3
C4
R6
Figure 30. Solder Side Silkscreen
Figure 31. Board Layout (Solder Side)
NOTES
1. AD8180R/AD8182R Evaluation Board inputs are configured
with 50
Ω impedance striplines. This FR4 board type has the
following stripline dimensions: 60-mil width, 12-mil gap
between center conductor and outside ground plane “is-
lands,” and 62-mil board thickness.
2. Several types of SMA connectors can be mounted on this
board: the side-mount type, which can be easily installed at
the edges of the board, and the top-mount type, which is
placed on top. When using the top-mount SMA connector, it
is recommended that the stripline on the outside 1/8" of the
board edge be removed with an X-Acto blade as this unused
stripline acts as an open stub, which could degrade the small-
signal frequency response of the mux.
3. Input termination resistor placement on the evaluation board
is critical to reducing crosstalk. Each termination resistor is
oriented so that ground return currents flow counterclock-
wise to a ground plane “island.” Although the direction of
this ground current flow is arbitrary, it is important that no
two input or output termination resistors share a connection
to the same ground “island.”


유사한 부품 번호 - AD8182_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8182-EB AD-AD8182-EB Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182-EB AD-AD8182-EB Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182-EB AD-AD8182-EB Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AN AD-AD8182AN Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AN AD-AD8182AN Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

유사한 설명 - AD8182_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
National Semiconductor ...
CERPACK NSC-CERPACK Datasheet
350Kb / 10P
   10 Lead Cerpack NS Package Number W10A
logo
Texas Instruments
ADC10061 TI1-ADC10061_15 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
logo
PHOENIX CONTACT
3213468 PHOENIX-3213468 Datasheet
117Kb / 16P
   COMBI receptacle - PPC 1,5/S-NS/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com