전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8183 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8183
상세설명  Triple 2 1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8183 데이터시트(HTML) 3 Page - Analog Devices

  AD8183_15 Datasheet HTML 1Page - Analog Devices AD8183_15 Datasheet HTML 2Page - Analog Devices AD8183_15 Datasheet HTML 3Page - Analog Devices AD8183_15 Datasheet HTML 4Page - Analog Devices AD8183_15 Datasheet HTML 5Page - Analog Devices AD8183_15 Datasheet HTML 6Page - Analog Devices AD8183_15 Datasheet HTML 7Page - Analog Devices AD8183_15 Datasheet HTML 8Page - Analog Devices AD8183_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
AD8183/AD8185
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.0 V
DVCC to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 0.2 V
Internal Power Dissipation
2, 3
AD8183/AD8185 24-Lead TSSOP (RU) . . . . . . . . . . . . . 1 W
Input Voltage
IN0A, IN0B, IN1A, IN1B, IN2A, IN2B . . . . . VEE ≤ VIN ≤ VCC
SELECT
A/B, OE . . . . . . . . . . . . . . . . . . DGND
≤ V
IN ≤ VCC
Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . Indefinite
3
Storage Temperature Range . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air (T
A = 25°C).
324-lead plastic TSSOP;
θ
JA = 128°C/W. Maximum internal power dissipation (P D)
should be derated for ambient temperature (TA) such that PD < (150°C–TA)/θJA.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8183ARU
–40
°C to +85°C 24-Lead Plastic TSSOP RU-24
AD8185ARU
–40
°C to +85°C 24-Lead Plastic TSSOP RU-24
AD8183-EVAL
Evaluation Board
AD8185-EVAL
Evaluation Board
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8183/
AD8185 is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150
°C. Temporarily exceeding this
limit may cause a shift in parametric performance due to a
change in the stresses exerted on the die by the package. Exceeding
a junction temperature of 175
°C for an extended period can
result in device failure.
While the AD8183/AD8185 is internally short circuit protected,
this may not be sufficient to guarantee that the maximum junction
temperature (150
°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves shown in Figure 2.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8183/AD8185 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
AMBIENT TEMPERATURE – C
2.0
–50 –40 –30 –20 –10
0
10 20
30
40 50
60 70
80
90
1.5
1.0
0
TJ = 150 C
0.5
Figure 2. Maximum Power Dissipation vs. Temperature
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD8183/
AD8185
IN0A
VCC
DGND
OE
IN1A
SEL
A/B
GND
VCC
IN2A
OUT0
VCC
VEE
VEE
OUT1
IN2B
VCC
GND
OUT2
IN1B
VEE
GND
DVCC
IN0B
VCC


유사한 부품 번호 - AD8183_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results

유사한 설명 - AD8183_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
logo
Vishay Siliconix
DG9454 VISHAY-DG9454_V01 Datasheet
197Kb / 12P
   Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)
01-Jan-2022
DG9454 VISHAY-DG9454 Datasheet
148Kb / 10P
   Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)
Rev. C, 07-Mar-11
logo
Analog Devices
AD8183 AD-AD8183 Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com