전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC856 데이터시트(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BC856
상세설명  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC856 데이터시트(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BC856 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC856 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC856 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
Typical Characterisitics
-0
-300
-600
-900
-1200
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-200
-400
-600
-800
-1000
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.1
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-100
0
200
400
600
-0.1
-1
-10
1
10
100
-0
-2
-4
-6
-8
-10
-12
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-0
-4
-8
-12
-16
-20
0
100
200
300
COMMON EMITTER
V
CE= -5V
V
BE
I
C
——
BASE-EMMITER VOLTAGE V
BE (mV)
β=20
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
T
a=100
T
a=25
β=20
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -5V
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
-20
-8.0uA
-9.0uA
-10uA
I
B=-1.0uA
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
-5.0uA
-6.0uA
-7.0uA
-2.0uA
-3.0uA
-4.0uA
V
CE=-5V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
PNP Transistors
BC856~BC858 (KC856~KC858)


유사한 부품 번호 - BC856

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BC856 KEXIN-BC856 Datasheet
1Mb / 3P
   PNP Transistors
logo
NXP Semiconductors
BC856 PHILIPS-BC856 Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Jiangsu Changjiang Elec...
BC856 JIANGSU-BC856 Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
logo
Central Semiconductor C...
BC856 CENTRAL-BC856 Datasheet
116Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Rectron Semiconductor
BC856 RECTRON-BC856 Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
More results

유사한 설명 - BC856

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com