전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8185 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8185
상세설명  380 MHz, 25 mA, Triple 2 1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8185 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8185_15 Datasheet HTML 4Page - Analog Devices AD8185_15 Datasheet HTML 5Page - Analog Devices AD8185_15 Datasheet HTML 6Page - Analog Devices AD8185_15 Datasheet HTML 7Page - Analog Devices AD8185_15 Datasheet HTML 8Page - Analog Devices AD8185_15 Datasheet HTML 9Page - Analog Devices AD8185_15 Datasheet HTML 10Page - Analog Devices AD8185_15 Datasheet HTML 11Page - Analog Devices AD8185_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
AD8183/AD8185
–8–
VO = 2V STEP
RL = 150
0
5
10
15
20
25 30
35 40
5ns/DIV
Figure 27. AD8183 0.1% Settling Time
10ns
SEL
A/B
IN0A AT +1V
IN0B
AT –1V
VOUT
100
90
10
0%
–1.0V
0V
+1.0V
+1.0V
+1.8V
Figure 28. AD8183 Channel-to-Channel Switching Time
10ns
100
90
10
0%
SEL
A/B
–0.05V
0V
+0.05V
+1.0V
+1.8V
Figure 29. AD8183 Channel-to-Channel Switching
Transient (Glitch)
VO = 2V STEP
RL = 150
0
5
10
15
20
25 30
35 40
5ns/DIV
Figure 30. AD8185 0.1% Settling Time
10ns
100
90
10
0%
SEL
A/B
IN0A AT
+0.5V
IN0B AT
–0.5V
VOUT
–1.0V
0V
+1.0V
+1.0V
+1.8V
Figure 31. AD8185 Channel-to-Channel Switching Time
10ns
SEL
A/B
100
90
10
0%
–0.05V
0V
+0.05V
+1.0V
+1.8V
Figure 32. AD8185 Channel-to-Channel Switching
Transient (Glitch)


유사한 부품 번호 - AD8185_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8185-EVAL AD-AD8185-EVAL Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
More results

유사한 설명 - AD8185_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARUZ AD-AD8185ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com